Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPL530 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPL530
Description  Photologic Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPL530 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPL530 Datasheet HTML 1Page - OPTEK Technologies OPL530 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Four output options
High noise immunity
Direct TTL/LSTTL CMOS interface
Low cost plastic side-looking package
Mechanically and spectrally matched
to the OP140 and OP240 series LED's
Data rates to 250 kBaud
Low power consumption
Description
The OPL530, OPL530-OC, OPL531,
OPL531-OC contain a monolithic
integrated circuit which incorporates a
photodiode, amplifier, voltage regulator,
Schmitt trigger and an NPN output
transistor on a single silicon chip.
The OPL530 and OPL531 includes a 10
K
Ω pull-up resistor (RL) from output to
VCC. The OPL530-OC and OPL531-OC
have an open-collector output.
These devices exhibit very stable
performance over supply voltages
ranging from 4.5 V to 16 V and a wide
range of irradiance levels.
The Photologic
® chip is encapsulated in
a molded plastic package which has an
integral lens for enhanced optical
coupling and minimal optical spacing.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +100o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Lead Soldering Temperature Range [1/16 inch (1.6 mm) from case for 5 sec. with
soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 mW
Voltage at Output Lead
(4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V
Sinking Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Notes:
(1) Derate linearly 2.67 mW/
o C above 70o C.
(2) RMA flux is recommended. Duration can be extended to 10 sec. maximum when flow
soldering. Max 20 grams force may be applied to the leads when soldering.
(3) Irradiance measurements are made with
λi = 935 nm.
(4) OC versions only. For ICC on pull-up versions add VCC/10 k
Ω.
Schematics
Product Bulletin OPL530
December 1997
Photologic
® Sensors
Types OPL530, OPL530-OC, OPL531, OPL531-OC
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
OPL530 Buffer/Pull-up Resistor
OPL531 Inverter/Pull-up Resistor
OPL530-OC Buffer/OC
OPL531-OC Inverter/OC
Light On - Output High
Light On - Output Low
Light On - Output High
Light On - Output Low
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
VCC
OUT
GND
4-4


Similar Part No. - OPL530

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL530 OPTEK-OPL530 Datasheet
434Kb / 8P
   Choice of four output options in low-cost side-looking package
logo
TT Electronics.
OPL530 TTELEC-OPL530 Datasheet
813Kb / 10P
   Photologic Sensor
OPL530-OC TTELEC-OPL530-OC Datasheet
813Kb / 10P
   Photologic Sensor
More results

Similar Description - OPL530

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPL801 OPTEK-OPL801 Datasheet
522Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
logo
TT Electronics.
OPL800 TTELEC-OPL800 Datasheet
1Mb / 15P
   Photologic Hermetic Sensors
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
   Photologic Reflective Object Sensors
OPL810 OPTEK-OPL810 Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPB760T OPTEK-OPB760T_06 Datasheet
264Kb / 4P
   Photologic Reflective Object Sensors
OPB770T OPTEK-OPB770T_06 Datasheet
242Kb / 3P
   Photologic Reflective Object Sensors
OPB760 OPTEK-OPB760 Datasheet
330Kb / 4P
   Photologic Reflective Object Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com