Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPT-24P-M10 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FPT-24P-M10
Description  F2MC-8FX CPU core
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FPT-24P-M10 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FPT-24P-M10 Datasheet HTML 5Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 6Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 7Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 8Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 9Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 10Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 11Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 12Page - Cypress Semiconductor FPT-24P-M10 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 9 of 105
MB95650L Series
5. Pin Functions
(Continued)
Pin no.
Pin name
I/O
circuit
type*4
Function
I/O type
SOP24*1,
TSSOP24*2
QFN32*3
Input
Output
OD*5
PU*6
132
PF0
B
General-purpose I/O port
Hysteresis
CMOS
X0
Main clock input oscillation pin
231
PF1
B
General-purpose I/O port
Hysteresis
CMOS
X1
Main clock I/O oscillation pin
31
VSS
Power supply pin (GND)
42
PG2
C
General-purpose I/O port
Hysteresis
CMOS
X1A
Subclock I/O oscillation pin
53
PG1
C
General-purpose I/O port
Hysteresis
CMOS
X0A
Subclock input oscillation pin
64
VCC
Power supply pin
7
5
C
Decoupling capacitor connection pin
86
PF2
A
General-purpose I/O port
Hysteresis
CMOS
RST
Reset pin
Dedicated reset pin on
MB95F652L/F653L/F654L/F656L
97
P17
J
General-purpose I/O port
CMOS
CMOS
—/
*7
SCL1
I2C bus interface ch. 1 clock I/O pin
UI0
UART/SIO ch. 0 data input pin
10
8
P16
J
General-purpose I/O port
CMOS
CMOS
—/
*7
SDA1
I2C bus interface ch. 1 data I/O pin
UO0
UART/SIO ch. 0 data output pin
11
10
P62
D
General-purpose I/O port
High-current pin
Hysteresis
CMOS
TO10
8/16-bit composite timer ch. 1 output pin
UCK0
UART/SIO ch. 0 clock I/O pin
12
9
P63
D
General-purpose I/O port
High-current output
Hysteresis
CMOS
TO11
8/16-bit composite timer ch. 1 output pin
13
16
P15
I
General-purpose I/O port
CMOS
CMOS
SCL0
I2C bus interface ch. 0 clock I/O pin
14
15
P14
I
General-purpose I/O port
CMOS
CMOS
SDA0
I2C bus interface ch. 0 data I/O pin
15
17
P64
D
General-purpose I/O port
Hysteresis
CMOS
EC1
8/16-bit composite timer ch. 1 clock input
pin


Similar Part No. - FPT-24P-M10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPT-24P-M02 FUJITSU-FPT-24P-M02 Datasheet
447Kb / 11P
   CMOS INPUT/OUTPUT EXPANDER
More results

Similar Description - FPT-24P-M10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com