Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-1072-210-DC24V-2A Datasheet(PDF) 3 Page - ETAL Group

Part # E-1072-210-DC24V-2A
Description  Voltage rating DC 24 V (19.2...36 V)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1072-210-DC24V-2A Datasheet(HTML) 3 Page - ETAL Group

  E-1072-210-DC24V-2A Datasheet HTML 1Page - ETAL Group E-1072-210-DC24V-2A Datasheet HTML 2Page - ETAL Group E-1072-210-DC24V-2A Datasheet HTML 3Page - ETAL Group E-1072-210-DC24V-2A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1072-2...
1646
3
5
Solid State Remote Power Controller E-1072-2...
Dimensions
Basic circuit diagram -210
Connection diagram
8
symmetrical rail
to DIN 50022-35
114
22.5
.315
4.49
.886
1072-220-
DC 24V/1A
21 22 23 24
11 12
13 14
31 32 33 34
41 42
43 44
In/Ctrl
O.K.
Error
OFF
power
mosfet
yellow
electronic control unit
OL/SC
IN = 1 A:
0.2Ω/1%
IN = 2 A:
0.1Ω/1%
shunt
load
green
Error
or In/Ctrl
fail safe
Shown in »OFF« condition with no load (US = 0 V)
and
red button tripped.
»In/Ctrl«
- LED yellow
»O.K.«
- LED green
»Error«
- LED red
»OFF«
- red button
»Err1«
- relay contact
»Err2«
- signal contact
»BM«
- relay contact
22
21
-U
S
24
23
42
33
32
34
44
–+
41
11
13
14
+U
Contr
-U
Contr
»Err2«
»Err1«
»OFF«
»BM«
43
31
+U
S
status
red
Basic circuit diagram -220
22
21
power
mosfet
yellow
-U
24
23
42
33
32
34
44
electronic control unit
OL/SC
IN = 1 A:
0.2Ω/1%
IN = 2 A:
0.1Ω/1%
shunt
load
–+
41
11
13
14
+U
Contr
-U
Contr
red
green
Errorr
»Err2«
»Err1«
»OFF«
In/Ctrl
fail safe
43
31
+U
S
Shown in »OFF« condition with no load (U
S = 0 V)
and
red button tripped.
n
-U
S
24
+
13
»In/Ctrl«
- LED yellow
»O.K.«
- LED green
»Error««
- LED red
»OFF«
- red button
»Err1«
- relay contact
»Err2«
- signal contact
»ANA«
- analogue output
4…20 mA
4 …20 mA
-U
B
+
– max.
500 Ω
»ANA«
Inrush current curve magnetic valve
approx. 40 mss
time (t)
0 A
I
1Inrush current curve if armature of valve has moved and reached its final position.
2Inrush current curve if armature of valve has not moved.
OFF
ON
control
input
1
2
load
current
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - E-1072-210-DC24V-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
More results

Similar Description - E-1072-210-DC24V-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
   Voltage rating AC 250 V; DC 28 V
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
Shanghai Leiditech Elec...
PESD2442L002 LEIDITECH-PESD2442L002 Datasheet
1Mb / 5P
   Maximum allowable continuous DC voltage V DC 24 V
logo
BELIMO AIRCONTROLS (USA...
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
   Nominal voltage AC/DC 24 V
logo
Shanghai Leiditech Elec...
MVR0402-240E150 LEIDITECH-MVR0402-240E150 Datasheet
190Kb / 5P
   Maximum allowable continuous DC voltage 24 v
MVR0402-240E015 LEIDITECH-MVR0402-240E015 Datasheet
385Kb / 5P
   Maximum allowable continuous DC voltage 24 V
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
   3 V to 24 V Input, 24 A microBUCK짰 DC/DC Converter
01-Jan-2022
logo
Power Integrations, Inc...
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
   19.2 W DC-DC Converter
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com