Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A125 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3A125
Description  SOTINY Low Voltage SPST Analog Switch/Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3A125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
7
PS8575A
06/27/04
PI3A125
SOTINY Low Voltage SPST
AnalogSwitch/BusSwitch
Figure 5. Programmable Gain Amplifier
LPV321
Gain Control
Low: Gain = 1
High: Gain = 10
PI3A125
3.3V
3.3V
VIN
VGAIN
9R
R
R
+
TypicalApplication


Similar Part No. - PI3A125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BCE PERICOM-PI3A125BCE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BTAE PERICOM-PI3A125BTAE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
More results

Similar Description - PI3A125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
logo
Vishay Siliconix
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com