Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A104M050AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491A104M050AT
Description  Capacitor, Tantalum, SMD, MnO2, Molded, 0.1 uF, 3216, /-20% Tol, 50 VDC (85C)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A104M050AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491A104M050AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/19/2016 - 44c44b0b-69f8-4e3e-9051-d54ec2452790
KEMET Part Number: T491A104M050AT
(B45196E7104M109)
Capacitor, Tantalum, SMD, MnO2, Molded, 0.1 uF, 3216, +/-20% Tol, 50 VDC (85C)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
H
1.6
+/-0.2
F
1.2
+/-0.1
S
0.8
+0.2/-0.3
B
0.4
+/-0.15
X
0.1
+/-0.1
P
0.4
REF
R
0.4
REF
T
0.13
REF
A
1.2
MIN
G
1.1
REF
E
1.3
REF
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Quantity: 2000
General Information
Supplier: KEMET
Application: General Purpose
Part Type Description: SMD, MnO2, Molded
Construction: Standard Chip-MnO2
Body Type: SMD Chip
Footprint: 3216
Weight: 58.6 mg
RoHS: Yes
Specifications
Capacitance: 0.1 uF
Tolerance: +/-20%
Voltage: 50 VDC (85C)
Voltage: 33.5 VDC (125C)
Temperature Range: -55/+125C
Current/Ripple Current: 61 mAmps (25C)
Current/Ripple Current: 54.9 mAmps (85C)
Current/Ripple Current: 24.4 mAmps (125C)
Resistance/ESR: 20 Ohms (100kHz)
Failure Rate: N/A
Leakage Current: 0.5 uA
Dissipation Factor: 4%
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491A104M050AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A104M035AG KEMET-T491A104M035AG Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491A104M035AH KEMET-T491A104M035AH Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491A104M035AS KEMET-T491A104M035AS Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491A104M035AT KEMET-T491A104M035AT Datasheet
9Mb / 100P
   Surface Mount Capacitors
More results

Similar Description - T491A104M050AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A475M006AT KEMET-T491A475M006AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 4.7 uF, 3216, /-20% Tol, 6.3 VDC (85C)
T491D106M050AT KEMET-T491D106M050AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 10 uF, 7343, /-20% Tol, 50 VDC (85C)
T491D685M050AT KEMET-T491D685M050AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 6.8 uF, 7343, /-20% Tol, 50 VDC (85C)
T494A104K050AT KEMET-T494A104K050AT Datasheet
99Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 0.1 uF, 3216, /-10% Tol, 50V@85C
T491D226M020AT KEMET-T491D226M020AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 22 uF, 7343, /-20% Tol, 20 VDC (85C)
T491X107M020AT KEMET-T491X107M020AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 100 uF, 7343, /-20% Tol, 20 VDC (85C)
T491B475M020AT KEMET-T491B475M020AT Datasheet
82Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 4.7 uF, 3528, /-20% Tol, 20 VDC (85C)
T491B225M020AT KEMET-T491B225M020AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 2.2 uF, 3528, /-20% Tol, 20 VDC (85C)
B45196H2475M109 KEMET-B45196H2475M109 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, 4.7 uF, 3216, /-20% Tol, 10V@85C
T491C106M010AT KEMET-T491C106M010AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 10 uF, 6032, /-20% Tol, 10 VDC (85C)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com