Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9025AC Datasheet(PDF) 10 Page - Integrated Device Technology

Part # P9025AC
Description  5W, Qi Wireless Power Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button P9025AC Datasheet HTML 6Page - Integrated Device Technology P9025AC Datasheet HTML 7Page - Integrated Device Technology P9025AC Datasheet HTML 8Page - Integrated Device Technology P9025AC Datasheet HTML 9Page - Integrated Device Technology P9025AC Datasheet HTML 10Page - Integrated Device Technology P9025AC Datasheet HTML 11Page - Integrated Device Technology P9025AC Datasheet HTML 12Page - Integrated Device Technology P9025AC Datasheet HTML 13Page - Integrated Device Technology P9025AC Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
10
09/01/15
P9025AC DATASHEET
Advanced Foreign Object Detection (FOD)
When metallic objects are exposed to an alternating magnetic
field, eddy currents cause such objects to heat up. Examples
of parasitic metal objects as such are coins, keys, paper clips,
etc. The amount of heating depends on the strength of
coupled magnetic field, as well as on the characteristics of the
object, such as its resistivity, size, and shape. In a wireless
power transfer system, the heating manifests itself as a power
loss, and therefore a reduced power transfer efficiency.
Moreover, if no appropriate measures are taken, the heating
could be sufficient that the foreign objects may become
heated to an undesirable temperature.
During Power Transfer state, the receiver periodically will
communicate to the transmitter the amount of power received
by means of a Received Power packet. The transmitter will
compare this power with the amount of power transmitted
during the same time period. If there is a significant
unexplained loss of power, then the transmitter will shut off
power delivery, because a possible foreign object may be
absorbing too much energy.
For a WPC system to perform this function with sufficient
accuracy, both the transmitter and receiver need each to
account for and compensate for all of their known losses.
Such losses could be to resistive losses, nearby metals that
are part of the transmitter or receiver, etc. Because the system
accurately measures its power and accounts for all known
losses, it can thereby detect foreign objects owing to their
creation of an unknown loss.
The P9025AC employs advanced FOD techniques to both
accurately measure its received power, and to accurately
compensate all of its known losses. This compensation is
implemented by means of a curve fitting table. This table
supports up to 10 different curves stored in OTP (One Time
Programmable) memory. The 10 programmed OTP settings
are externally selected by means of the FOD1 selection
resistor value (see page 14) which selects the settings that
best match a particular system characteristic. Additionally, the
I2C interface supports 1 volatile FOD compensation setting
that can be selected that will override the OTP memory
settings. A further enhancement is selected by the FOD2
offset resistor which adds a -300 to +300mW power offset to
the values selected by the FOD1 resistor. This is useful to tune
the selected compensation curve up or down to optimally
match the actual known receiver system losses.
For more information about how to determine and program the
FOD settings, refer to application note AN-886 P9025AC FOD
Tuning Guide.
Over-Voltage Protection
In the event that the input voltage increases above 15V, the
control loop disables the LDO, and sends error packets to the
transmitter in an attempt to bring the rectifier voltage below 7V.
If the voltage at VRECT exceeds VOVP, two internal FETs turn
on to clamp the AC inputs to quickly reduce the VRECT voltage.
This is accomplished through loading the receiver resonant
tank with extra capacitance shorted to ground through the
above mentioned internal FETs. This changes the parallel
resonance of the tank circuit which causes the Tx to Rx gain
to decrease dramatically. The clamp is released when the
VRECT voltage falls below the VOVP hysteresis level. VRECT
must not be directly loaded.
Over-Current Protection and Thermal Shutdown
The P9025AC employs over-current and thermal protection
by sending an End of Power packet to the transmitter when
the output current reaches the current limit level or the die
temperature exceeds the thermal shutdown level. The LDO
output is also disabled during these conditions.
The current limit level is programmable with an external
resistor:
For any value of RLIM below 25k
, the output current is
limited to 2-Amps. However, RLIM is not recommended to be
set higher than 60 k

Rectifier and VRECT Level
Once VRECT powers up to greater than 7V, the full-bridge
rectifier switches to half synchronous or full synchronous
mode (depending on the loading conditions) to efficiently
transfer energy from the transmitter to VRECT. The control loop
of the P9025AC maintains the rectifier voltage between 5.45V
and 7V, depending upon the output current (IOUT). The RLIM
resistor sets both the current limit (ILIM) and the VRECT steps
based on ISET which is a reference current used to partition
the IOUT load range into 4 regions, each with a VRECT target
for efficiency and transient optimization. ISET is equal to:
The recommended value of RLIM for a 1A output is 30 k
.
I
LIM
45000
R
LIM
---------------
=
I
SET
38000
R
LIM
---------------
=


Similar Part No. - P9025AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
   5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
More results

Similar Description - P9025AC

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
   Qi-compliant inductive wireless power receiver for 5W applications
September 2021
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
logo
Renesas Technology Corp
P9025AC RENESAS-P9025AC Datasheet
814Kb / 21P
   5W, Qi Wireless Power Receiver with Integrated Rectifier and LDO Output
09/01/15
logo
Generalplus Technology ...
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
   Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
   Dual mode Qi/PMA wireless power receiver
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
   Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
[Old version datasheet]   INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com