Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9036BNTGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # P9036BNTGI
Description  12V Wireless Power Transmitter IC for TX-A6
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9036BNTGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button P9036BNTGI Datasheet HTML 6Page - Integrated Device Technology P9036BNTGI Datasheet HTML 7Page - Integrated Device Technology P9036BNTGI Datasheet HTML 8Page - Integrated Device Technology P9036BNTGI Datasheet HTML 9Page - Integrated Device Technology P9036BNTGI Datasheet HTML 10Page - Integrated Device Technology P9036BNTGI Datasheet HTML 11Page - Integrated Device Technology P9036BNTGI Datasheet HTML 12Page - Integrated Device Technology P9036BNTGI Datasheet HTML 13Page - Integrated Device Technology P9036BNTGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
P9036B
Product Datasheet
Revision 1.0.0
10
© 2016 Integrated Device Technology, Inc.
Table 5 P9036B NTG48 Package Pin Functions by Pin Number
PIN
NAME
TYPE
DESCRIPTION
41
HPF
I
High pass filter input. This pin is used to read the communication from the receiver.
42
IC1
Reserved for special designs. Must be connected to GND.
43
GND
-
Ground.
44
IC2
Reserved for special designs. Must be connected to GND.
45
IC3
Reserved for special designs. Must be left unconnected.
46
IC4
Reserved for special designs. Must be left unconnected.
47
IC5
Reserved for special designs. Must be connected to GND.
48
IC6
Reserved for special designs. Must be left unconnected.
49
EP
(Center
Exposed Pad)
Thermal
EP, Center Exposed Pad, is on the bottom of the package and must be electrically tied to GND.
For good thermal performance, solder to a large copper pad embedded with a pattern of plated
through-hole vias. The die is not electrically bonded to the EP, and the EP must not be used as
a current-carrying electrical connection.
Note 1:
REG_IN, BUCK5VT_IN. These pins must be connected together at all times.
Note 2:
DC-DC BUCK5VT, LDO2P5V and LDO5V are intended only as internal device supplies and must not be loaded externally except for the EEPROM,
thermistor, LED, buzzer and pull-up resistor loads (up to an absolute maximum of 8mA), as recommended in the WPC “Qi” Compliance Schematic and
the WPC “Qi” Compliance Bill of Materials.


Similar Part No. - P9036BNTGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9036B RENESAS-P9036B Datasheet
1Mb / 25P
   12V Wireless Power Transmitter IC for TX-A6
Revision 1.0.0
More results

Similar Description - P9036BNTGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9036B RENESAS-P9036B Datasheet
1Mb / 25P
   12V Wireless Power Transmitter IC for TX-A6
Revision 1.0.0
logo
Integrated Device Techn...
P9030-0NTGI8 IDT-P9030-0NTGI8 Datasheet
1Mb / 28P
   Single Chip Wireless Power Transmitter IC for TX-A1
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
   Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
   Wireless Power Transmitter IC
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
   Qi compliant wireless power transmitter IC
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
   Wireless Charging System Transmitter IC for Low Power Applications
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
   Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
   Wireless Power Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com