Electronic Components Datasheet Search |
|
S6BP502A00SN2B000 Datasheet(PDF) 10 Page - Cypress Semiconductor |
|
S6BP502A00SN2B000 Datasheet(HTML) 10 Page - Cypress Semiconductor |
10 / 23 page Document Number: 002-03396 Rev. *D Page 10 of 23 S6BP501A, S6BP502A PRELIMINARY VVIN = VEN5V = 12V, VPVCC1V = 3.3V, VVB = VVDD = VEN1V = VEN3V = 5.0V (Unless specified otherwise, these are the electrical characteristics under the recommended operating environment.) Parameter Symbol Condition Value Unit Min Typ Max EN1V pin ON condition VON_EN1V − 2.0 − − V OFF condition VOFF_EN1V − − − 0.4 V Input current ION_EN1V VEN1V = 5.0V − 50 − µA Pull down resistance RPULL_EN1V − 50 100 150 kΩ EN3V pin ON condition VON_EN3V − 2.0 − − V OFF condition VOFF_EN3V − − − 0.4 V Input current ION_EN3V VEN3V = 5.0V − 50 − µA Pull down resistance RPULL_EN3V − 50 100 150 kΩ EN5V pin ON condition VON_EN5V − 2.5 − − V OFF condition VOFF_EN5V − − − 0.2 V Input current ION_EN5V VEN5V = 12.0V − 1 3 µA IOFF_EN5V VEN5V = 0V − 0 − µA PG1V pin Over voltage detection (OVD) voltage VOVDR_PG1V Monitoring VFB1V rising 105.0 106.5 108.0 % Over voltage detection release voltage VOVDF_PG1V Monitoring VFB1V falling − 105.5 − % Under voltage detection (UVD) voltage VUVDF_PG1V Monitoring VFB1V falling 92.5 94.0 95.5 % Under voltage detection release voltage VUVDR_PG1V Monitoring VFB1V rising − 95.0 − % Leak current ILEAK_PG1V VPG5V = 5.0V − − 1 µA Low level voltage VLOW_PG1V IPG5V = 3 mA − 0.15 0.30 V Power-on reset time tPOR_PG1V VSYNC = 0V 8 10 12 ms PG3V pin Over voltage detection (OVD) voltage VOVDR_PG3V Monitoring VFB3V rising 104.5 106.0 107.5 % Over voltage detection release voltage VOVDF_PG3V Monitoring VFB3V falling − 105.0 − % Under voltage detection (UVD) voltage VUVDF_PG3V Monitoring VVOUT3V falling 3.004 3.050 3.096 V Under voltage detection release voltage VUVDR_PG3V Monitoring VVOUT3V rising − 3.080 − V Leak current ILEAK_PG3V VPG3V = 5.0V − − 1 µA Low level voltage VLOW_PG3V IPG3V = 3 mA − 0.15 0.30 V Power-on reset time tPOR_PG3V VSYNC = 0V 8 10 12 ms PG5V pin Over voltage detection (OVD) voltage VOVDR_PG5V Monitoring VFB5V rising 106.0 108.0 110.0 % Over voltage detection release voltage VOVDF_PG5V Monitoring VFB5V falling − 107.0 − % Under voltage detection (UVD) voltage VUVDF_PG5V Monitoring VFB5V falling 90.0 92.0 94.0 % Under voltage detection release voltage VUVDR_PG5V Monitoring VFB5V rising − 93.0 − % Leak current ILEAK_PG5V VPG5V = 5.0V − − 1 µA Low level voltage VLOW_PG5V IPG5V = 3 mA − 0.15 0.30 V Power-on reset time tPOR_PG5V VSYNC = 0V 8 10 12 ms |
Similar Part No. - S6BP502A00SN2B000 |
|
Similar Description - S6BP502A00SN2B000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |