Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6BP502A00SN2B000 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S6BP502A00SN2B000
Description  Wide input voltage range : 2.5V to 42V (DD3V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP502A00SN2B000 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S6BP502A00SN2B000 Datasheet HTML 9Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 10Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 11Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 12Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 13Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 14Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 15Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 16Page - Cypress Semiconductor S6BP502A00SN2B000 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Document Number: 002-03396 Rev. *D
Page 13 of 23
S6BP501A, S6BP502A
PRELIMINARY
8.2
Each Function Block
Each function block is described in this section.
Under Voltage Lockout (UVLO)
This IC equips an UVLO function in order to prevent itself from operating unintentionally and from destructing or deteriorating its
subsequent devices. The UVLO block monitors the VB voltage. Once VB unintentionally drops below the IC shutdown voltage
(VUVLO_SHDN), UVLO block prohibits the regulators and controllers switching FETs until VB becomes higher than the IC operation
start voltage (VUVLO_START).
Over Voltage Detection and Protection (OVD, OVP)
When an output voltage exceeds the over voltage detection (OVD) voltage, the corresponding PG is asserted the low level. In case
any output voltage exceeds the over voltage protection (OVP) voltage, all output channels stop working to protect the connected
devices. When all output voltage fall below the over voltage protection release voltage, this IC returns to the normal operation.
Figure 8-2 Over Voltage Detection and Over Voltage Protection Sequence
VEN3V
tPOR_PG5V
VOVPR_5V
VUVDR_PG5V
VOVDR_PG5V
VOVPF_5V (0.94V)
VEN1V
VEN5V
VVOUT5V
VPG5V
VVOUT3V
VVOUT1V
VPG3V
VPG1V
Hi-Z
Switching
Hi-Z
Switching
OFF
ON
OFF
Time
VLX3V
VLX1V
VLX5V
VVOUT1V discharge
VVOUT3V discharge
tPOR_PG5V
VUVDR_PG3V
VUVDR_PG1V
tPOR_PG3V
tPOR_PG1V
tPOR_PG3V
tPOR_PG1V
Under Voltage Detection (UVD)
When an output voltage falls below the under voltage detection (UVD) voltage, the corresponding PG pin is asserted the low level
while the corresponding output channel keeps working. When the output voltage exceeds the under voltage detection release
voltage, each PG will be recovered Hi-Z.


Similar Part No. - S6BP502A00SN2B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP502A00SN2B000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   Wide 4V to 42V Input
Rev 1; 3/15
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
   Input Voltage Range: 2.5V to 5.5V
logo
Advanced Monolithic Sys...
AMS1072 AMS-AMS1072 Datasheet
469Kb / 6P
   2.5V to 8V Input Voltage Range
logo
Maxim Integrated Produc...
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com