Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1ARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4530-1ARZ
Description  Femtoampere Input Bias Current Electrometer Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4530-1ARZ Datasheet HTML 7Page - Analog Devices ADA4530-1ARZ Datasheet HTML 8Page - Analog Devices ADA4530-1ARZ Datasheet HTML 9Page - Analog Devices ADA4530-1ARZ Datasheet HTML 10Page - Analog Devices ADA4530-1ARZ Datasheet HTML 11Page - Analog Devices ADA4530-1ARZ Datasheet HTML 12Page - Analog Devices ADA4530-1ARZ Datasheet HTML 13Page - Analog Devices ADA4530-1ARZ Datasheet HTML 14Page - Analog Devices ADA4530-1ARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 10 of 50
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
+IN 1
GRD 2
IC 3
V– 4
–IN
8
GRD
7
OUT
6
V+
5
ADA4530-1
NOTES
1. IC = INTERNAL CONNECTION. THIS
PIN MUST BE CONNECTED TO V–
OR LEFT UNCONNECTED.
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+IN
Noninverting Input.
2
GRD
Guard.
3
IC
Internal Connection. This pin must be connected to V− or left unconnected.
4
V−
Negative Supply Voltage.
5
V+
Positive Supply Voltage.
6
OUT
Output.
7
GRD
Guard.
8
−IN
Inverting Input.


Similar Part No. - ADA4530-1ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4530-1R-EBZ AD-ADA4530-1R-EBZ Datasheet
612Kb / 14P
   Easy modifications to other standard configurations
More results

Similar Description - ADA4530-1ARZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
   3 Femtoampere Input Bias Current Precision Amplifier
logo
Texas Instruments
LMP7721 TI-LMP7721_15 Datasheet
980Kb / 32P
[Old version datasheet]   3-Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549 AD-AD549_08 Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
AD549 AD-AD549_17 Datasheet
1Mb / 19P
   Ultralow Input Bias Current Operational Amplifier
logo
STMicroelectronics
AN4587 STMICROELECTRONICS-AN4587 Datasheet
6Mb / 14P
   Input bias current of a chopper amplifier
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
OPA928 TI-OPA928 Datasheet
1Mb / 24P
[Old version datasheet]   OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
   HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com