Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6161 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6161
Description  Ball guide prevents over compression of elastomer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6161 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6161 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6161 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6161 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15.225mm
15.225mm
Assembled
8.25mm +
IC thickness
A
A
Recommended torque = 0.5-1.0 in lbs.
( 8-16 in-oz)
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: S.Natarajan
Scale: -
Rev: C
Date: 10/14/05
File: SG-BGA-6161 Dwg.mcd
SG-BGA-6161 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1
5
8
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
Customer's
BGA IC
4
Top View
Side View
(Section AA)
Easily removable swivel socket lid
2
7
9
Modified: 6/2/09, AE
PAGE 1 of 3
10
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, 18-8 Stainless
steel, 0-80 fine thread , 9.525mm long.
1
Elastomer Guide: Non-clad FR4.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Ball Guide: Kapton polyimide.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
10
Socket base nut: 18-8 Stainless steel, 0-80 fine thread.
Compression screw: Clear anodized Aluminum.
Thickness = 5mm, Hex socket = 3mm.
2
3
4
5
7
9
6
8
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thick.
11
11
IC Guide: 0.5mm thick.
12
12


Similar Part No. - SG-BGA-6161

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6160 IRONWOOD-SG-BGA-6160 Datasheet
75Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6162 IRONWOOD-SG-BGA-6162 Datasheet
102Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6163 IRONWOOD-SG-BGA-6163 Datasheet
102Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6164 IRONWOOD-SG-BGA-6164 Datasheet
103Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6165 IRONWOOD-SG-BGA-6165 Datasheet
52Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6161

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com