Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AD5671R Datasheet(HTML) 4 Page - Analog Devices

Part No. AD5671R
Description  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5671R Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS2
Input Current
±1
µA
Per pin
Input Voltage
Low, VINL
0.3 × VLOGIC
V
High, VINH
0.7 × VLOGIC
V
Pin Capacitance
3
pF
LOGIC OUTPUTS (SDA)2
Output Voltage
Low, VOL
0.4
V
ISINK = 200 μA
High, VOH
VLOGIC − 0.4
V
ISOURCE = 200 μA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
Power-on, −40°C + 105°C
3
µA
Power-on, −40°C + 125°C
3
µA
Power-down, −40°C + 105°C
3
µA
Power-down, −40°C + 125°C
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
1.1
1.26
mA
Internal reference off, −40°C to +85°C
1.8
2.0
mA
Internal reference on, −40°C to +85°C
1.1
1.3
mA
Internal reference off
1.8
2.1
mA
Internal reference on
All Power-Down Modes10
1
1.7
µA
Tristate to 1 kΩ, −40°C to +85°C
1
1.7
µA
Power down to 1 kΩ, −40°Cto +85°C
1
2.5
µA
Tristate, −40°C to +105°C
1
2.5
µA
Power down to 1 kΩ, −40°C to +105°C
1
5.5
µA
Tristate to 1 kΩ, −40°C to +125°C
1
5.5
µA
Power down to 1 kΩ, −40°C to +125°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1, or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 12 to 4080.
2
Guaranteed by design and characterization; not production tested.
3
Together, Channel 0, Channel 1, Channel 2, and Channel 3 can source/sink 40 mA. Similarly, together, Channel 4, Channel 5, Channel 6, and Channel 7 can source/sink
40 mA up to a junction temperature of 125°C.
4
VDD = 5 V. The devices include current limiting to protect the devices during temporary overload conditions. Junction temperature can be exceeded during current
limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV.
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference and Amplifier Gain Selection
section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +125°C.
8
Reference temperature coefficient calculated as per the box method. See the Terminology section for further information.
9
Interface inactive. All DACs active. DAC outputs unloaded.
10
All DACs powered down.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn