Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AD5671R Datasheet(HTML) 18 Page - Analog Devices

Part No. AD5671R
Description  Base station power amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5671R Datasheet(HTML) 18 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 32 page
background image
AD5671R/AD5675R
Data Sheet
Rev. B | Page 18 of 32
Figure 48. Settling Time vs. Capacitive Load
Figure 49. Settling Time, 5.5 V
Figure 50. Hardware Reset
Figure 51. Internal Reference NSD vs. Frequency
Figure 52. Internal Reference Voltage (VREF) vs. Temperature (A Grade)
Figure 53. Internal Reference Voltage (VREF) vs. Temperature (B Grade)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
TIME (ms)
CL = 0nF
CL = 0.1nF
CL = 1nF
CL = 4.7nF
CL = 10nF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
80
100
120
140
160
180
200
TIME (µs)
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
DAC 7
DAC 8
0
0.1
0.2
0.3
0
1
2
3
–20
0
20
40
60
TIME (µs)
RESET
MIDSCALE, GAIN = 1
ZERO SCALE, GAIN = 1
0
200
400
600
800
1000
1200
1400
1600
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE1
DEVICE2
DEVICE3
DEVICE4
DEVICE5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE1
DEVICE2
DEVICE3
DEVICE4
DEVICE5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn