Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5592RBRUZ-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5592RBRUZ-RL7
Description  Control and monitoring
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592RBRUZ-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5592RBRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 9Page - Analog Devices AD5592RBRUZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
AD5592R
Data Sheet
Rev. C | Page 6 of 42
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
GPIO INPUT
Input Voltage
High (VIH)
0.7 × VDD
V
Low (VIL)
0.3 × VDD
V
Input Capacitance
20
pF
Hysteresis
0.2
V
Input Current
±1
µA
LOGIC INPUTS
AD5592R Input Voltage
High (VINH)
0.7 × VDD
V
Low (VINL)
0.3 × VDD
V
AD5592R-1 Input Voltage
High (VINH)
0.7 ×VLOGIC
V
Low (VINL)
0.3 ×VLOGIC
V
Input Current (IIN)
−1
+1
µA
Typically 10 nA, RESET = 1 µA typical
Input Capacitance (CIN)
10
pF
LOGIC OUTPUT (SDO)
Output High Voltage (VOH)
AD5592R
VDD − 0.2
V
ISOURCE = 200 µA, VDD = 2.7 V to 5. 5 V
AD5592R-1
VLOGIC − 0.2
V
ISOURCE = 200 µA, VDD = 2.7 V to 5. 5 V
Output Low Voltage (VOL)
0.4
V
ISINK = 200 µA
Floating-State Output Capacitance
10
pF
TEMPERATURE SENSOR2
Resolution
12
Bits
Operating Range
−40
+105
°C
Accuracy
±3
°C
5 sample averaging
Track Time
5
µs
ADC buffer enabled
20
µs
ADC buffer disabled
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD
2.7
mA
Digital inputs = 0 V or VDD, I/O0 to I/O7
configured as DACs and ADCs, internal
reference on, ADC buffer on, DAC code = 0xFFF,
range is 0 V to 2 × VREF for DACs and ADCs
Power-Down Mode
3.5
µA
VDD = 5 V (Normal Mode)
1.6
mA
I/O0 to I/O7 are DACs, internal reference,
gain = 2
1
mA
I/O0 to I/O7 are DACs, external reference,
gain = 2
2.4
mA
I/O0 to I/O7 are DACs and sampled by the
ADC, internal reference, gain = 2
1.1
mA
I/O0 to I/O7 are DACs and sampled by the
ADC, external reference, gain = 2
1
mA
I/O0 to I/O7 are ADCs, internal reference,
gain = 2
0.75
mA
I/O0 to I/O7 are ADCs, external reference,
gain = 2
0.5
mA
I/O0 to I/O7 are general-purpose outputs
0.5
mA
I/O0 to I/O7 are general-purpose inputs
0.5
mA
I/O0 to I/O3 are general-purpose outputs,
I/O4 to I/O7 are general-purpose inputs


Similar Part No. - AD5592RBRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590 AD-AD5590 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

Similar Description - AD5592RBRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com