Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5592RBCPZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5592RBCPZ-RL7
Description  Control and monitoring
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592RBCPZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5592RBCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD5592RBCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AD5592R
Data Sheet
Rev. C | Page 8 of 42
Table 4. AD5592R-1 Timing Characteristics
Parameter
1.8 V ≤ VLOGIC < 3 V
3 V ≤ VLOGIC ≤ 5.5 V
Unit
Test Conditions/Comments
t1
33
20
ns min
SCLK cycle time, write operation
50
50
ns min
SCLK cycle time, read operation
t2
16
10
ns min
SCLK high time
t3
16
10
ns min
SCLK low time
t4
15
10
ns min
SYNC to SCLK falling edge setup time
2
2
µs max
SYNC to SCLK falling edge setup time
t5
7
7
ns min
Data setup time
t6
5
5
ns min
Data hold time
t7
15
10
ns min
SCLK falling edge to SYNC rising edge
t8
30
30
ns min
Minimum SYNC high time for write operations
60
60
ns min
Minimum SYNC high time for register read operations
t9
0
0
ns min
SYNC rising edge to next SCLK falling edge
t10
40
25
ns max
SCLK rising edge to SDO valid
Figure 3. Load Circuit for Logic Output (SDO) Timing Specifications
Figure 4. Timing Diagram
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
SCLK
SDI
DB15
DB0
t1
t2
t8
t3
t4
t5
t6
t10
t7
t9
SYNC
SDO
DB15
DB0


Similar Part No. - AD5592RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590 AD-AD5590 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

Similar Description - AD5592RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com