Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4355
Description  Analog and digital lock detect
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 5Page - Analog Devices ADF4355 Datasheet HTML 6Page - Analog Devices ADF4355 Datasheet HTML 7Page - Analog Devices ADF4355 Datasheet HTML 8Page - Analog Devices ADF4355 Datasheet HTML 9Page - Analog Devices ADF4355 Datasheet HTML 10Page - Analog Devices ADF4355 Datasheet HTML 11Page - Analog Devices ADF4355 Datasheet HTML 12Page - Analog Devices ADF4355 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADF4355
Data Sheet
Rev. A | Page 8 of 35
Pin No.
Mnemonic
Description
25, 32
CREG1, CREG2
Outputs from the LDO Regulator. CREG1 and CREG2 are the supply voltages to the digital circuits and have a
nominal voltage of 1.8 V. Decoupling capacitors of 100 nF connected to AGND are required for these pins.
26
PDBRF
RF Power-Down. A logic low on this pin mutes the RF outputs. This mute function is also software controllable.
27
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD. Place decoupling capacitors to the ground
plane as close to this pin as possible.
28
REFINB
Complementary Reference Input. If unused, ac-couple this pin to AGND.
29
REFINA
Reference Input.
30
MUXOUT
Multiplexer Output. The multiplexer output allows the digital lock detect, the analog lock detect, scaled RF, or the
scaled reference frequency to be externally accessible.
31
SDGND
Digital Σ-Δ Modulator Ground. SDGND is the ground return path for the Σ-Δ modulator.
EP
Exposed Pad. The exposed pad must be connected to AGND.


Similar Part No. - ADF4355

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355 AD-ADF4355 Datasheet
848Kb / 35P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
ADF4355-2 AD-ADF4355-2 Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-2BCPZ AD-ADF4355-2BCPZ Datasheet
962Kb / 38P
   Programmable output power level
ADF4355-2BCPZ AD-ADF4355-2BCPZ Datasheet
895Kb / 37P
   Microwave Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF4355

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9075B GENNUM-GS9075B Datasheet
1Mb / 28P
   Lock Detect Output
logo
STMicroelectronics
MEMS STMICROELECTRONICS-MEMS Datasheet
1Mb / 2P
   analog and digital
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
logo
Dallas Semiconductor
DS28EA00 DALLAS-DS28EA00 Datasheet
213Kb / 29P
   1-Wire Digital Thermometer with Sequence Detect and PIO
logo
Maxim Integrated Produc...
DS28EA00 MAXIM-DS28EA00 Datasheet
294Kb / 29P
   1-Wire Digital Thermometer with Sequence Detect and PIO
Rev 2; 4/09
DS28EA00 MAXIM-DS28EA00_V01 Datasheet
1,022Kb / 29P
   1-Wire Digital Thermometer with Sequence Detect and PIO
2019
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Silicon Laboratories
SI2157 SILABS-SI2157 Datasheet
56Kb / 2P
   Worldwide Digital and Analog TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com