Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-3BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4355-3BCPZ
Description  Programmable output power level
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-3BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4355-3BCPZ Datasheet HTML 3Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 4Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 5Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 6Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 7Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 8Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 9Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 10Page - Analog Devices ADF4355-3BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADF4355-3
Data Sheet
Rev. A | Page 6 of 34
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter1
Rating
VRF, DVDD, AVDD to GND
−0.3 V to +3.6 V
AVDD to DVDD
−0.3 V to +0.3 V
VP, VVCO, VREGVCO to GND
−0.3 V to +3.6 V
CPOUT to GND1
−0.3 V to VP + 0.3 V
Digital Input/Output Voltage to GND
−0.3 V to DVDD + 0.3 V
Analog Input/Output Voltage to GND
−0.3 V to AVDD + 0.3 V
REFINA, REFINB to GND
−0.3 V to AVDD + 0.3 V
REFINA to REFINB
±2.1 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
θJA, Thermal Impedance Pad Soldered
to GND
27.3°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model
500 V
Human Body Model
2500 V
1
GND = AGND = SDGND = AGNDRF = AGNDVCO = CPGND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
The ADF4355-3 is a high performance RF integrated circuit
with an ESD rating of 2500 V and is ESD sensitive. Take proper
precautions for handling and assembly.
TRANSISTOR COUNT
The transistor count for the ADF4355-3 is 103,665 (CMOS) and
3214 (bipolar).
ESD CAUTION


Similar Part No. - ADF4355-3BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-3BCPZ AD-ADF4355-3BCPZ Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
ADF4355-3BCPZ-RL7 AD-ADF4355-3BCPZ-RL7 Datasheet
819Kb / 34P
   Microwave Wideband Synthesizer with Integrated VCO
More results

Similar Description - ADF4355-3BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
logo
Silicon Laboratories
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
   Programmable output power level
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
   3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com