Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4610-2ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4610-2ARMZ
Description  Rail-to-rail output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4610-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4610-2ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. G | Page 8 of 25
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 4. ADA4610-2 Pin Configuration, 8-Lead SOIC (R Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
8
7
6
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 5. ADA4610-2 Pin Configuration, 8-Lead MSOP (RM Suffix)
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO V–.
OUT A
–IN A
+IN A
V–
OUT B
V+
–IN B
+IN B
3
4
1
2
6
5
8
7
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 6. ADA4610-2 Pin Configuration, 8-Lead LFCSP (CP Suffix)
Table 8. ADA4610-2 Pin Function Descriptions, 8-Lead SOIC, 8-Lead MSOP, and 8-Lead LFCSP
Pin No.
Mnemonic
Description
1
OUT A
Output Channel A.
2
−IN A
Inverting Input Channel A.
3
+IN A
Noninverting Input Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input Channel B.
6
−IN B
Inverting Input Channel B.
7
OUT B
Output Channel B.
8
V+
Positive Supply Voltage.
EPAD
Exposed Pad for the 8-Lead LFCSP (CP Suffix). The exposed pad must be connected to V−.


Similar Part No. - ADA4610-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4610-2ARMZ AD-ADA4610-2ARMZ Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
ADA4610-2ARMZ AD-ADA4610-2ARMZ Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
ADA4610-2ARMZ-R7 AD-ADA4610-2ARMZ-R7 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
ADA4610-2ARMZ-R7 AD-ADA4610-2ARMZ-R7 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
ADA4610-2ARMZ-RL AD-ADA4610-2ARMZ-RL Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
More results

Similar Description - ADA4610-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com