Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5130-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5130-EVALZ
Description  Low insertion loss
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5130-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 10Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 10 of 10
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.90
0.85
0.80
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
0.20 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 15. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.85 mm Package Height
(CP-24-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package Option
ADRF5130BCPZ
−40°C to +105°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
ADRF5130BCPZ-R7
−40°C to +105°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
ADRF5130-EVALZ
−40°C to +105°C
Evaluation Board
1
Z = RoHS-Compliant Part.
2
See the Absolute Maximum Ratings section.
©2016–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14081-0-1/17(A)


Similar Part No. - ADRF5130-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132-EVALZ AD-ADRF5132-EVALZ Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN AD-ADRF5132BCPZN Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN-R7 AD-ADRF5132BCPZN-R7 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
More results

Similar Description - ADRF5130-EVALZ

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2069A-1 RFM-SF2069A-1 Datasheet
61Kb / 2P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com