Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB095A10KRQ8-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB095A10KRQ8-0-T3-G
Description  Dual N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB095A10KRQ8-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB095A10KRQ8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB095A10KRQ8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C714Q8
Issued Date : 2017.02.02
Revised Date :
Page No. : 5/9
MTB095A10KRQ8
Preliminary
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
NormalizedThreshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
02
4
6
Total Gate Charge---Qg(nC)
8
ID=2A
VDS=80V
VDS=20V
VDS=50V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100
μs
RDS(ON)
Limited
TA=25°C, Tj=150°, VGS=10V
RθJA=78°C/W, Single Pulse
1s
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
VGS=10V, RθJA=78°C/W


Similar Part No. - MTB095A10KRQ8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB095N10KRJ3 CYSTEKEC-MTB095N10KRJ3 Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB095N10KRJ3 DOINGTER-MTB095N10KRJ3 Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB095N10KRJ3-0-T3-G CYSTEKEC-MTB095N10KRJ3-0-T3-G Datasheet
403Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
413Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB095N10KRL3 CYSTEKEC-MTB095N10KRL3 Datasheet
414Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB095A10KRQ8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4806B HMSEMI-HM4806B Datasheet
701Kb / 8P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4804MT A-POWER-AP4804MT Datasheet
258Kb / 8P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6A100M A-POWER-AP6A100M Datasheet
72Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com