Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB9DP03V8-0-T6-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB9DP03V8-0-T6-G
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB9DP03V8-0-T6-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB9DP03V8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C050V8
Issued Date : 2017.01.24
Revised Date :
Page No. : 1/9
MTB9D0P03V8
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTB9D0P03V8
BVDSS
-30V
-44.0A
ID@ TC=25
°C, VGS=-10V
ID@ TA=25
°C, VGS=-10V
-11.6A
Features
7.4mΩ(typ.)
RDSON(MAX)@VGS=-10V, ID=-10A
• Simple drive requirement
• Low on-resistance
12.0mΩ(typ.)
RDSON(MAX)@VGS=-4.5V, ID=-8A
• Fast switching speed
• Pb-free lead plating package
Equivalent Circuit
Outline
MTB9D0P03V8
DFN3×3
Ordering Information
Device
Package
Shipping
MTB9DP03V8-0-T6-G
DFN3×3
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
Pin 1
G:Gate S:Source D:Drain
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel,13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTB9DP03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB9D0N10RE3 CYSTEKEC-MTB9D0N10RE3 Datasheet
402Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RE3-0-UB-X CYSTEKEC-MTB9D0N10RE3-0-UB-X Datasheet
402Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RQ8 CYSTEKEC-MTB9D0N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RQ8-0-T3-G CYSTEKEC-MTB9D0N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0P03H8 CYSTEKEC-MTB9D0P03H8 Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB9DP03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com