Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB9DP03V8-0-T6-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB9DP03V8-0-T6-G
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB9DP03V8-0-T6-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB9DP03V8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB9DP03V8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C050V8
Issued Date : 2017.01.24
Revised Date :
Page No. : 2/9
MTB9D0P03V8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TC=25
°C, VGS=-10V
-44.0
Continuous Drain Current @ TC=100
°C, VGS=-10V
-27.8
Continuous Drain Current @ TA=25
°C, VGS=-10V
-11.6
Continuous Drain Current @ TA=70
°C, VGS=-10V
ID
-9.3
Pulsed Drain Current
IDM
-176 *1
Avalanche Current @ L=0.1mH
IAS
-36
A
Avalanche Energy @ L=1mH, ID=-16A, VDD=-15V
EAS
128 *4
Repetitive Avalanche Energy @ L=0.05mH
EAR
4.1 *2
mJ
TC=25℃
36
TC=100℃
14
TA=25℃
2.5 *3
Total Power Dissipation
TA=70℃
PD
1.6 *3
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
3.5
Thermal Resistance, Junction-to-ambient, max
RθJA
50 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, t≤10s ; 125
°C/W when mounted on minimum copper pad.
4. 100% tested by conditions of L=0.1mH, IAS=-10A, VGS=-10V, VDD=-15V
Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
VGS=0V, ID=-250μA
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID=-250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS=-24V, VGS=0V
IDSS
-
-
-10
μA
VDS=-24V, VGS=0V, Tj=125
°C
-
7.4
10
VGS=-10V, ID=-10A
RDS(ON) *1
-
12
17
m
Ω
VGS=-4.5V, ID=-8A
GFS
*1
-
18
-
S
VDS=-10V, ID=-10A


Similar Part No. - MTB9DP03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB9D0N10RE3 CYSTEKEC-MTB9D0N10RE3 Datasheet
402Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RE3-0-UB-X CYSTEKEC-MTB9D0N10RE3-0-UB-X Datasheet
402Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RQ8 CYSTEKEC-MTB9D0N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0N10RQ8-0-T3-G CYSTEKEC-MTB9D0N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB9D0P03H8 CYSTEKEC-MTB9D0P03H8 Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB9DP03V8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com