Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6076 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6076
Description  Ball guide prevents over compression of elastomer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6076 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6076 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6076 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6076 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15.225mm
15.225mm
Assembled
8.25mm +
IC thickness
A
A
Recommended torque = 1 to 3 in lbs.
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: D
Date: 12/27/02
File: SG-BGA-6076 Dwg.mcd
SG-BGA-6076 Drawing
© 2002 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1
5
8
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
Customer's
BGA IC
4
Top View
Side View
(Section AA)
Easily removable swivel socket lid
2
7
9
Modified: 03/31/14, DH
PAGE 1 of 3
10
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, 18-8 Stainless
steel, 0-80 fine thread , 9.525mm long.
1
Elastomer Guide: Non-clad FR4.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Ball Guide: Kapton polyimide.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
10
Socket base nut: 18-8 Stainless steel, 0-80 fine thread.
Compression screw: Black anodized Aluminum.
Thickness = 5mm, Hex socket = 3mm.
2
3
4
5
7
9
6
8
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thick.
11
11
IC Guide: Torlon
12
12


Similar Part No. - SG-BGA-6076

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6070 IRONWOOD-SG-BGA-6070 Datasheet
51Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6071 IRONWOOD-SG-BGA-6071 Datasheet
361Kb / 3P
   Directly mounts to target PCB (needs tooling holes) with included hardware
SG-BGA-6072 IRONWOOD-SG-BGA-6072 Datasheet
538Kb / 4P
   Materials and specifications are subject to change without notice
SG-BGA-6073 IRONWOOD-SG-BGA-6073 Datasheet
639Kb / 4P
   Materials and specifications are subject to change without notice
SG-BGA-6074 IRONWOOD-SG-BGA-6074 Datasheet
671Kb / 4P
   Materials and specifications are subject to change without notice
More results

Similar Description - SG-BGA-6076

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com