Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60S165-KIMN1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60S165-KIMN1
Description  Adaptor 4.1/9.5 JACK - 7/16 PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60S165-KIMN1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60S165-KIMN1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S165-KIMN1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
4.1-9.5
7-16
ADAPTOR
4.1/9.5 JACK - 7/16 PLUG
60S165-KIMN1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 7.5 GHz
Return loss
 35 dB @ DC to 1 GHz
 32 dB @ 1 GHz to 4 GHz
 22 dB @ 4 GHz to 7.5 GHz
Insertion loss
 0.1 x
[GHz]
f
dB
Insulation resistance
 5 G
Center contact resistance
 1 m
Outer contact resistance
 1.5 m
Working voltage (at sea level)
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
1000 W @ 2 GHz
RF-leakage
 128 dB @ DC to 1 GHz
Intermodulation (3rd order)
 168 dBc (2 x 43 dBm)
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 200 N
radial
 2 Ncm
Coupling torque (recommended) 4.1/9.5
10 Nm
7/16
25 to 30 Nm
Proof torque
4.1/9.5
15 Nm
7/16
 35 Nm
Environmental data
Temperature range
-55 °C to +155 °C
Rapid change of temperature
DIN EN 122190, Sub-clause 4.6.7
Corrosion resistance
DIN EN 122190, Sub-clause 4.6.10
Vibration
DIN EN 122190, Sub-clause 4.6.3
Climatic category
DIN EN 122190, Sub-clause 4.6.5 (55/155/56)
Damp heat
DIN EN 122190 , Sub-clause 4.6.6
Degree of protection (mated pair)
IEC 60529, IP68 2.5 bar
RoHS
compliant
Weight
Weight
77.74 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
M. Wimmer
12/10/12
J_Gramsamer
07.04.15
c00
15-0397
J_Krautenb.
07.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 60S165-KIMN1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S165-SIMN1 ROSENBERGER-60S165-SIMN1 Datasheet
77Kb / 2P
   Adaptor 4.1/9.5 PLUG - 7/16 PLUG
More results

Similar Description - 60S165-KIMN1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S165-SIMN1 ROSENBERGER-60S165-SIMN1 Datasheet
77Kb / 2P
   Adaptor 4.1/9.5 PLUG - 7/16 PLUG
65S153-KIMN1 ROSENBERGER-65S153-KIMN1 Datasheet
78Kb / 2P
   Adaptor 4.1-9.5 Plug ??N Jack
53S165-SIMN1 ROSENBERGER-53S165-SIMN1 Datasheet
78Kb / 2P
   Adaptor N Plug - 4.1/9.5 PLUG
32K160-S00N5 ROSENBERGER-32K160-S00N5 Datasheet
226Kb / 2P
   ADAPTOR SMA JACK ??7/16 PLUG
60S164-K00N1 ROSENBERGER-60S164-K00N1 Datasheet
377Kb / 2P
   Adaptor 4.3-10 Jack ??7/16 Plug
60K164-S60N1 ROSENBERGER-60K164-S60N1 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
153QK160-S00N5 ROSENBERGER-153QK160-S00N5 Datasheet
91Kb / 2P
   ADAPTOR QN JACK ??7/16 50 PLUG
60K164-S00N1 ROSENBERGER-60K164-S00N1 Datasheet
357Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
53K160-KIMN1 ROSENBERGER-53K160-KIMN1 Datasheet
81Kb / 2P
   Adaptor N Jack ??7/16 Jack
SLJ12SP-65M65M-X-00 ROSENBERGER-SLJ12SP-65M65M-X-00 Datasheet
540Kb / 2P
   쩍??JUMPER 4.1-9.5 MALE / 4.1-9.5 MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com