Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1050 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1050
Description  Versatile digital voltage mode controller
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1050 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1050 Datasheet HTML 4Page - Analog Devices ADP1050 Datasheet HTML 5Page - Analog Devices ADP1050 Datasheet HTML 6Page - Analog Devices ADP1050 Datasheet HTML 7Page - Analog Devices ADP1050 Datasheet HTML 8Page - Analog Devices ADP1050 Datasheet HTML 9Page - Analog Devices ADP1050 Datasheet HTML 10Page - Analog Devices ADP1050 Datasheet HTML 11Page - Analog Devices ADP1050 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Data Sheet
ADP1050
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
See Figure 2
Clock Operating Frequency
10
100
400
kHz
Glitch Immunity
50
ns
Bus Free Time
tBUF
1.3
µs
Between stop and start conditions
Start Setup Time
tSU;STA
0.6
µs
Repeated start condition setup time
Start Hold Time
tHD;STA
0.6
µs
Hold time after repeated start condition;
after this period, the first clock is
generated
Stop Setup Time
tSU;STO
0.6
µs
SDA Setup Time
tSU;DAT
100
ns
SDA Hold Time
tHD;DAT
125
ns
For readback
300
ns
For write
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Time
tLOW
0.6
µs
SCL High Time
tHIGH
0.6
µs
SCL Low Extended Time
tLOW;SEXT
25
ms
SCL, SDA Rise Time
tR
20
300
ns
SCL, SDA Fall Time
tF
20
300
ns
EEPROM
EEPROM Update Time
40
ms
Time from the update command to
completion of the EEPROM update
Reliability
Endurance2
10,000
Cycles
TJ = 85°C
1000
Cycles
TJ = 125°C
Data Retention3
20
Years
TJ = 85°C
15
Years
TJ = 125°C
1
CS3 is an alternative output current reading that is calculated by the CS1 reading (representing input current), duty cycle, and the main transformer turns ratio.
2
Endurance is qualified as per JEDEC Standard 22, Method A117, and is measured at −40°C, +25°C, +85°C, and +125°C.
3
Retention lifetime equivalent at junction temperature as per JEDEC Standard 22, Method A117.
TIMING DIAGRAM
SCL
SDA
P
S
tBUF
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tHD;STA
tSU;STA
tSU;STO
tLOW
tR
tF
S
P
Figure 2. Serial Bus Timing Diagram
Rev. A | Page 7 of 92


Similar Part No. - ADP1050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1051-240-EVALZ AD-ADP1051-240-EVALZ Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1051ACPZ-R7 AD-ADP1051ACPZ-R7 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1051ACPZ-RL AD-ADP1051ACPZ-RL Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1051DC1-EVALZ AD-ADP1051DC1-EVALZ Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results

Similar Description - ADP1050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMC1500 ETC-DMC1500 Datasheet
1Mb / 67P
   versatile digital motor controller
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554_03 Datasheet
990Kb / 22P
   Versatile PWM Controller
FAN7554 FAIRCHILD-FAN7554 Datasheet
1,006Kb / 22P
   Versatile PWM Controller
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
   Versatile PWM Controller
Rev. 4.1
logo
BCD Semiconductor Manuf...
AP3103 BCDSEMI-AP3103 Datasheet
797Kb / 14P
   VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
   Voltage-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com