Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5052 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5052
Description  Integrated Power Solution with Quad Buck
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5052 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5052 Datasheet HTML 5Page - Analog Devices ADP5052 Datasheet HTML 6Page - Analog Devices ADP5052 Datasheet HTML 7Page - Analog Devices ADP5052 Datasheet HTML 8Page - Analog Devices ADP5052 Datasheet HTML 9Page - Analog Devices ADP5052 Datasheet HTML 10Page - Analog Devices ADP5052 Datasheet HTML 11Page - Analog Devices ADP5052 Datasheet HTML 12Page - Analog Devices ADP5052 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 8 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
PVIN1 to PGND
−0.3 V to +18 V
PVIN2 to PGND
−0.3 V to +18 V
PVIN3 to PGND3
−0.3 V to +18 V
PVIN4 to PGND4
−0.3 V to +18 V
SW1 to PGND
−0.3 V to +18 V
SW2 to PGND
−0.3 V to +18 V
SW3 to PGND3
−0.3 V to +18 V
SW4 to PGND4
−0.3 V to +18 V
PGND to GND
−0.3 V to +0.3 V
PGND3 to GND
−0.3 V to +0.3 V
PGND4 to GND
−0.3 V to +0.3 V
BST1 to SW1
−0.3 V to +6.5 V
BST2 to SW2
−0.3 V to +6.5 V
BST3 to SW3
−0.3 V to +6.5 V
BST4 to SW4
−0.3 V to +6.5 V
DL1 to PGND
−0.3 V to +6.5 V
DL2 to PGND
−0.3 V to +6.5 V
SS12, SS34 to GND
−0.3 V to +6.5 V
EN1, EN2, EN3, EN4 to GND
−0.3 V to +6.5 V
VREG to GND
−0.3 V to +6.5 V
SYNC/MODE to GND
−0.3 V to +6.5 V
WDI, RSTO , VTH to GND
−0.3 V to +6.5 V
MR to GND
−0.3 V to +3.6 V
RT to GND
−0.3 V to +3.6 V
PWRGD to GND
−0.3 V to +6.5 V
FB1, FB2, FB3, FB4 to GND1
−0.3 V to +3.6 V
FB2 to GND2
−0.3 V to +6.5 V
FB4 to GND2
−0.3 V to +7 V
COMP1, COMP2, COMP3, COMP4 to GND
−0.3 V to +3.6 V
VDD to GND
−0.3 V to +3.6 V
Storage Temperate Range
−65°C to +150°C
Operational Junction Temperature Range
−40°C to +125°C
1 This rating applies to the adjustable output voltage models of the ADP5053.
2 This rating applies to the fixed output voltage models of the ADP5053.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LFCSP
27.87
2.99
°C/W
ESD CAUTION


Similar Part No. - ADP5052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5052-EVALZ AD-ADP5052-EVALZ Datasheet
1Mb / 40P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5052ACPZ-R7 AD-ADP5052ACPZ-R7 Datasheet
1Mb / 40P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
More results

Similar Description - ADP5052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
   Integrated Power Solution with Quad Low Noise Buck Regulators
Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
logo
Leadtrend Technology
LD9852 LEADTREND-LD9852 Datasheet
490Kb / 13P
   Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
logo
Analog Devices
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
   3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Texas Instruments
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
   DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com