Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM160N0BRZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM160N0BRZ
Description  High common-mode transient immunity
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM160N0BRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM160N0BRZ Datasheet HTML 4Page - Analog Devices ADuM160N0BRZ Datasheet HTML 5Page - Analog Devices ADuM160N0BRZ Datasheet HTML 6Page - Analog Devices ADuM160N0BRZ Datasheet HTML 7Page - Analog Devices ADuM160N0BRZ Datasheet HTML 8Page - Analog Devices ADuM160N0BRZ Datasheet HTML 9Page - Analog Devices ADuM160N0BRZ Datasheet HTML 10Page - Analog Devices ADuM160N0BRZ Datasheet HTML 11Page - Analog Devices ADuM160N0BRZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADuM160N/ADuM161N/ADuM162N/ADuM163N
Data Sheet
Rev. 0 | Page 8 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Undervoltage Lockout
Positive V
DDx Threshold
V
DDxUV+
1.6
V
Negative V
DDx Threshold
V
DDxUV−
1.5
V
V
DDx Hysteresis
V
DDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
t
R/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CM
H|
75
100
kV/µs
V
Ix = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CM
L|
75
100
kV/µs
V
Ix = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2 I
Ox is the Channel x output current, where x = A, B, C, D, E, or F.
3 V
IxH is the input side logic high.
4 V
IxL is the input side logic low.
5 V
I is the voltage input.
6 N0 refers to the ADuM160N0/ADuM161N0/ADuM162N0/ADuM163N0 models. N1 refers to the ADuM160N1/ADuM161N1/ADuM162N1/ADuM163N1 models. See the
Ordering Guide section.
7 |CM
H| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 6. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM160N
Supply Current Side 1
I
DD1
10.4
15.4
11.2
18.4
16
24
mA
Supply Current Side 2
I
DD2
3.3
5.3
4.8
7.2
9.8
17.9
mA
ADuM161N
Supply Current Side 1
I
DD1
8.9
14.1
10.1
16.3
14.8
23.6
mA
Supply Current Side 2
I
DD2
5.0
8.7
6.5
11.1
11.4
20.1
mA
ADuM162N
Supply Current Side 1
I
DD1
8.1
12.6
9.4
14.4
14.1
23.2
mA
Supply Current Side 2
I
DD2
6.5
10.2
7.8
12.1
12.4
20.1
mA
ADuM163N
Supply Current Side 1
I
DD1
7.1
11.9
8.5
13.9
13.6
21
mA
Supply Current Side 2
I
DD2
8.3
13.4
9.7
15.2
14.8
21.3
mA


Similar Part No. - ADuM160N0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM162N AD-ADUM162N Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
More results

Similar Description - ADuM160N0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
1Mb / 66P
   14-Bit GMSL Serializer with High-Immunity Mode
Rev 0; 2/16
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com