Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM160N0BRZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM160N0BRZ
Description  High common-mode transient immunity
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM160N0BRZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM160N0BRZ Datasheet HTML 1Page - Analog Devices ADuM160N0BRZ Datasheet HTML 2Page - Analog Devices ADuM160N0BRZ Datasheet HTML 3Page - Analog Devices ADuM160N0BRZ Datasheet HTML 4Page - Analog Devices ADuM160N0BRZ Datasheet HTML 5Page - Analog Devices ADuM160N0BRZ Datasheet HTML 6Page - Analog Devices ADuM160N0BRZ Datasheet HTML 7Page - Analog Devices ADuM160N0BRZ Datasheet HTML 8Page - Analog Devices ADuM160N0BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADuM160N/ADuM161N/ADuM162N/ADuM163N
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3.3 V Operation ............................ 5
Electrical Characteristics—2.5 V Operation ............................ 7
Electrical Characteristics—1.8 V Operation ............................ 9
Insulation and Safety Related Specifications .......................... 11
Package Characteristics ............................................................. 11
Regulatory Information............................................................. 11
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 12
Recommended Operating Conditions .................................... 12
Absolute Maximum Ratings ......................................................... 13
ESD Caution................................................................................ 13
Pin Configurations and Function Descriptions......................... 14
Typical Performance Characteristics ........................................... 18
Theory of Operation ...................................................................... 20
Applications Information .............................................................. 21
PCB Layout ................................................................................. 21
Propagation Delay Related Parameters ................................... 21
Jitter Measurement..................................................................... 21
Insulation Lifetime..................................................................... 21
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
7/2016—Revision 0: Initial Version


Similar Part No. - ADuM160N0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM162N AD-ADUM162N Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
More results

Similar Description - ADuM160N0BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
1Mb / 66P
   14-Bit GMSL Serializer with High-Immunity Mode
Rev 0; 2/16
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com