Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL354CEZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL354CEZ-RL7
Description  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL354CEZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADXL354CEZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 4 of 42
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT AMPLIFIER
Swing
No load
0.03
V1P8ANA − 0.03
V
Output Series Resistance
32
kΩ
TEMPERATURE SENSOR
Output at 25°C
892.2
mV
Scale Factor
3.0
mV/°C
TEMPERATURE
Operating Temperature Range
−40
+125
°C
1
The resonant frequency is a sensor characteristic. An integrated analog 1.5 kHz (−6 dB) sinc low-pass filter that cannot be bypassed limits the actual output response.
2
The temperature change is −40°C to +25°C or +25°C to +125°C.
3
Repeatability is predicted for a 10 year life and includes shifts due to the high temperature operating life test (HTOL) (TA = 150°C, VSUPPLY = 3.6 V, and 1000 hours),
temperature cycling (−55°C to +125°C and 1000 cycles), velocity random walk, broadband noise, and temperature hysteresis.
4
The VRE measurement is the shift in dc offset while the device is subject to 2.5 g rms of random vibration from 50 Hz to 2 kHz. The device under test (DUT) is
configured for the ±2 g range and an output data rate of 4 kHz. The VRE scales with the range setting.
5
When V1P8ANA and V1P8DIG are generated internally, VSUPPLY is valid. To disable the LDO and drive V1P8ANA and V1P8DIG externally, connect VSUPPLY to VSS.
6
Standby to measurement mode; valid when the output is within 1 mg of the final value.
DIGITAL OUTPUT FOR THE ADXL355
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, and z-axis acceleration = 1 g, and output data rate (ODR) =
500 Hz, unless otherwise noted. Note that multifunction pin names may be referenced by their relevant function only.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full Scale Range (FSR)
User selectable
±2.048
g
±4.096
g
±8.192
g
Nonlinearity
±2 g
0.1
% FS
Cross Axis Sensitivity
1
%
SENSITIVITY
Each axis
X-Axis, Y-Axis, and Z-Axis Sensitivity
±2 g
235,520
256,000
276,480
LSB/g
±4 g
117,760
128,000
138,240
LSB/g
±8 g
58,880
64,000
69,120
LSB/g
X-Axis, Y-Axis, and Z-Axis Scale Factor
±2 g
3.9
µg/LSB
±4 g
7.8
µg/LSB
±8 g
15.6
µg/LSB
Sensitivity Change due to Temperature
−40°C to +125°C
±0.01
%/°C
0 g OFFSET
Each axis, ±2 g
X-Axis, Y-Axis, and Z-Axis 0 g Output
−75
±25
+75
mg
0 g Offset vs. Temperature (X-Axis, Y-Axis, and Z-Axis)1
−40°C to +125°C
−0.15
±0.02
+0.15
mg/°C
Repeatability2
X-axis and y-axis
±3.5
mg
Z-axis
±9
mg
Vibration Rectification3
±2 g range, in a 1 g orientation,
offset due to 2.5 g rms vibration
<0.4
g
NOISE DENSITY
±2 g
X-Axis, Y-Axis, and Z-Axis
25
µg/√Hz
Velocity Random Walk
X-axis and y-axis
9
µm/sec/√Hr
Z-axis
13
µm/sec/√Hr
OUTPUT DATA RATE AND BANDWIDTH
Low-Pass Filter Passband Frequency
User programmable, Register 0x28
1
1000
Hz
High-Pass Filter Passband Frequency When Enabled
(Disabled by Default)
User programmable, Register 0x28
for 4 kHz ODR
0.0095
10
Hz


Similar Part No. - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Similar Description - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com