Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL355BEZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL355BEZ-RL7
Description  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL355BEZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADXL355BEZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 5 of 42
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SELF TEST
Output Change
X-Axis
0.3
g
Y-Axis
0.3
g
Z-Axis
1.5
g
POWER SUPPLY
Voltage Range
VSUPPLY Operating4
2.25
2.5
3.6
V
VDDIO
V1P8DIG
2.5
3.6
V
V1P8ANA and V1P8DIG with Internal LDO Bypassed
VSUPPLY = 0 V
1.62
1.8
1.98
V
Current
Measurement Mode
VSUPPLY (LDO Enabled)
200
µA
V1P8ANA (LDO Disabled)
160
µA
V1P8DIG (LDO Disabled)
35.5
µA
Standby Mode
VSUPPLY (LDO Enabled)
21
µA
V1P8ANA (LDO Disabled)
7
µA
V1P8DIG (LDO Disabled)
10
µA
Turn On Time5
2 g range
<10
ms
Power-off to standby
<10
ms
TEMPERATURE SENSOR
Output at 25°C
1852
LSB
Scale Factor
−9.05
LSB/°C
TEMPERATURE
Operating Temperature Range
−40
+125
°C
1
The temperature change is −40°C to +25°C or +25°C to +125°C.
2
Repeatability is predicted for a 10 year life and includes shifts due to the HTOL (TA = 150°C, VSUPPLY = 3.6 V, and 1000 hours), temperature cycling (−55°C to +125°C and
1000 cycles), velocity random walk, broadband noise, and temperature hysteresis.
3
The VRE measurement is the shift in dc offset while the device is subject to 2.5 g rms random vibration from 50 Hz to 2 kHz. The DUT is configured for the ±2 g range
and an output data rate of 4 kHz. The VRE scales with the range setting.
4
When V1P8ANA and V1P8DIG are generated internally, VSUPPLY is valid. To disable the LDO and drive V1P8ANA and V1P8DIG externally, connect VSUPPLY to VSS.
5
Standby to measurement mode; valid when the output is within 1 mg of final value.
SPI DIGITAL INTERFACE CHARACTERISTICS FOR THE ADXL355
Note that multifunction pin names may be referenced by their relevant function only.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC INPUT LEVELS
Input Voltage
Low Level
VIL
0.3 × VDDIO
V
High Level
VIH
0.7 × VDDIO
V
Input Current
Low Level
IIL
VIN = 0 V
−0.1
µA
High Level
IIH
VIN = VDDIO
0.1
µA
DC OUTPUT LEVELS
Output Voltage
Low Level
VOL
IOL = IOL, MIN
0.2 × VDDIO
V
High Level
VOH
IOH = IOH, MAX
0.8 × VDDIO
V
Output Current
Low Level
IOL
VOL = VOL, MAX
−10
mA
High Level
IOH
VOH = VOH, MIN
4
mA


Similar Part No. - ADXL355BEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Similar Description - ADXL355BEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com