Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5421 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5421
Description  Devices Connected
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5421 Datasheet(HTML) 5 Page - Analog Devices

  AD5421 Datasheet HTML 1Page - Analog Devices AD5421 Datasheet HTML 2Page - Analog Devices AD5421 Datasheet HTML 3Page - Analog Devices AD5421 Datasheet HTML 4Page - Analog Devices AD5421 Datasheet HTML 5Page - Analog Devices AD5421 Datasheet HTML 6Page - Analog Devices AD5421 Datasheet HTML 7Page - Analog Devices AD5421 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Circuit Note
CN-0267
Rev. B | Page 5 of 8
Output Noise During Silence Test
When a HART device is not transmitting (silence), do not couple
noise onto the network. Excessive noise may interfere with
reception of HART signals by the device itself or other devices
on the network.
The voltage noise measured across a 500 Ω load in the loop must
contain no more than 2.2 mV rms of combined broadband and
correlated noise in the HART extended frequency band. In
addition, the noise should not exceed 138 mV rms outside the
HART extended frequency band.
This noise was measured by a true rms meter across the 500 Ω
load. This noise was measured directly for the out-of-band noise
and measured through the HCF_TOOL-31 filter for the in-band
noise. An oscilloscope was also used to examine the noise
waveform.
The noise was measured at the worse condition, which was 4 mA
output current. The captured noise waveform is shown in
Figure 4, and the results are summarized in Table 1.
Figure 4. Output Noise During Silence Waveform
Table 1. Output Noise During Silence
Output Noise
Measured
(mV)
Required
(mV)
Outside Extended Frequency Range
4.13
<138
Inside Extended Frequency Range
1.03
<2.2
Analog Rate of Change Test
This specification ensures that when a device regulates the
analog output current, the maximum rate of change of analog
current does not interfere with HART communications. Step
changes in current disrupt HART signaling.
The worst-case change in the analog output current must not
produce a disturbance higher than 15 mV peak, measured
across a 500 Ω load in the HART extended frequency band.
The AD5421 DAC and output driver are relatively fast. Therefore,
to meet the required system specification, the output current
change is controlled by combining hardware slew-rate limiting
implemented at the AD5421 and a digital filter implemented in
the ADuCM360 software.
The hardware slew-rate limit is set by the capacitance connected
to the AD5421 CIN pin. When a large step change is required in
the analog output current value, the ADuCM360 software splits
the output current change sent to the AD5421 DAC into a number
of smaller subsequent steps.
This test was performed using an oscilloscope coupled to the
500 Ω load through the HCF_TOOL-31 filter.
The result is shown in Figure 5. Waveform CH1 shows the periodic
steps between 4 mA and 20 mA, sensed directly across the 500 Ω
load. Waveform CH2 is the signal captured on the HCF_TOOL-31
filter output, amplified 10×, within the 150 mV peak limits.
Figure 5. Analog Rate of Change Waveform
Circuit Power Consumption
Two methods were used to evaluate the circuit power consumption
performance.
In the first method, the current from the AD5421 integrated
voltage regulator output was measured.
Considering the minimum analog output current of 4 mA and
HART output ac modulation of 0.5 mA peak, the maximum
current consumed by the circuit in normal mode operation must
be less than 3.5 mA. The AD5421 requires a 0.3 mA maximum
for its own operation, which leaves approximately 3.2 mA
maximum current for the AD5421 REGOUT output.
For ease of in-circuit measurement, the DEMO-AD5700D2Z
has test points (T5, T6) on each side of the 10 Ω resistor in the
REGOUT output filter, as shown in Figure 6. This setup allows
the voltage drop across the resistor to be measured, and the
current to be calculated without interrupting the supply current
or disturbing the circuit.
Figure 6. Measuring the AD5421 REGOUT Current Using Test Points
CH1 20.0mV BW
M 100ms
CH1
–8.00mV
<10Hz
1
CH1
p-p
44.8mV
CH1
CYC RMS
4.64mV?
CH1
NONE
CH1
NONE
CH2
OFF
NONE
MEASURE
CH1 5.00V
CH2 50mV BW
CH1
4mA TO 20mA
ACROSS 500Ω
CH2
OUTPUT OF
FILTER × 10
LIMIT =
±150mV
M 25.0ms
CH1
6.80V
CH1
p-p
8.60V
CH1
FREQ
8.123Hz?
CH2
p-p
254mV
CH2
MAX
134mV
CH2
MIN
–120mV
MEASURE
1
2
VOLTMETER
+
T6
T5
10Ω
10µF
10µF
REGOUT
REST OF CIRCUIT
POWER SUPPLY
AD5421
VOLTAGE
REGULATOR


Similar Part No. - AD5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5421 AD-AD5421 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5421 AD-AD5421 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD5421ACPZ-REEL7 AD-AD5421ACPZ-REEL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421AREZ AD-AD5421AREZ Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
More results

Similar Description - AD5421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0269 AD-CN0269 Datasheet
1Mb / 12P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com