Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8065 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8065
Description  Devices Connected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CN-0269
Circuit Note
Rev. 0 | Page 8 of 12
Figure 13. AD8065 Noise Model
The noise sources shown in Figure 13 must be converted to the
output by multiplying the noise gain, which is 1 for a unity-gain
buffer.
eAD8065_RTO =
2
2
2
2
2
2
2
2
)
(
p
f
p
S
P
V
Rf
RS
RP
i
R
i
R
R
e
e
e
e
+
+
+
+
+
+
The noise from resistors can be calculated from the equation:
Hz
nV/
1000
4
R
e
R
×
=
at 25°C
where R is in Ω.
eRP = 2.2 nV/√Hz
eRS =eRf= 4 nV/√Hz
eV = 7 nV/√Hz
ip = iN = 1 pA/√Hz
eVAD8065 = 10 nV/√Hz
The Noise of the AD8475Attenuation Stage
The eAD8065_RTO term is the noise from the circuit at the input to
AD8475 stage. This noise is reflected to the output of the
AD8475 by multiplying the signal gain (0.4) of AD8475 stage as
shown in Figure 14.
Figure 14. AD8475 Noise Model
The AD8475 output voltage noise is also 10 nV/√Hz, including
amplifier voltage and current noise, as well as noise of internal
resistors.
The noise density of the whole signal chain in front of ADC is
(
)
2
2
_
2
AD8475_RTO
AD8475_RTO
AD8475
GAIN
TOTAL
e
e
GAIN
e
+
×
×
=
For the ±10 V input range, the GAINAD8475 = 0.4.
eTOTAL_0.4 = 11.5 nV/√Hz
For the ±5 V input range, the GAINAD8475 = 0.8.
eTOTAL_0.8 = 15.1 nV/√Hz
The total output noise of the AD8475 is applied to the RC filter
(10 Ω, 2.2 nF) that has a bandwidth of 7.23 MHz. The
bandwidth of the AD8065 is 145 MHz, and the bandwidth of
the AD8475 is 150 MHz. The input bandwidth of the AD7984
ADC is 10 MHz, therefore the noise at the input of the AD7984
is limited by the RC noise filter to 7.23 MHz.
When the AD8475 is operating at a gain of 0.8 (worst case noise
condition) the input rms noise to the ADC is therefore
μV
51
MHz
23
.
7
57
.
1
Hz
nV/
(15.1
_
=
×
×
=
RMS
TOTAL
V
VTOTAL_PP = 6.6 × 51 µV = 337 µV
For the 18-bit AD7984 with reference voltage of 4.096 V, the
differential input span is 8.196 V. The LSB value is 31 µV. The
peak-to-peak noise of 337 µV therefore corresponds to 11 LSBs
peak-to-peak.
Effect of Multiplexer Switching Transients
The multiplexer has source and drain capacitance. The drain
capacitance of the multiplexer holds the voltage of previous
input channel. When the multiplexer switches to the next
channel, this can create a transient or kick-back glitch through
the RON resistance. This transient can affect the next conversion.
Therefore, the pre-filter driver needs to have a very low output
impedance and a fast settling time to the transient.
Figure 15. Multiplexer Switching Transients
The driver needs to be able to charge the input to the required
accuracy (forward-charge) before the switch opens. The back-
charge occurs when the switch opens, and generally is short and
doesn’t present a problem.
In order to make the circuit easy to drive, a buffer can be placed
in front of the multiplexer (front buffer). The evaluation board
EVAL-CN0269-SDPZ has footprints for the input buffer on
each input channel and has an AD8065 installed in Channel 1
to Channel 4. Adding the buffer slightly increases the noise
density and the settling time. However, in a practical application,
the parasitic inductance and capacitance from the input cable
or terminal connector will significantly increase the time of
settling time and generate ringing due to the forward and back
charge without the buffer. The additional input buffer isolates
the parasitic effects and provides very low impedance to the
multiplexer. The difference in performance between the circuit
with or without input buffer is shown in the test part of this
circuit note.
Another reason for adding the input buffer is for that an
additional filter can be placed ahead of it for anti-aliasing and
noise reduction.
AI
RS
RP
AD8065
eRp
eRs
+
Rf
eRf
eV
iP
iN
eAD8065_RTO
eAD8475_RTO
VN
VP
eAD8065_RTO AD8475
+
D
CS
CS
CS
CD
CD
VSS
VSS
VSS
VSS
SW1
SW2
RP
VSS
VSS
VSS
ADG5208
ADG5236
RON
RON
RON
CP
CP
RP
AI 1
AI 2
PRE-FILTER
RS
CIN
+10V
–10V
P1
P2
P3
P1
P2
P3
SW_A0
KICK
BACK-CHARGE
FORWARD-CHARGE


Similar Part No. - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065 AD-AD8065 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD8065 AD-AD8065 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8065 AD-AD8065 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results

Similar Description - AD8065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com