Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65Z001-001N Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 65Z001-001N
Description  Protection Cap with cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

65Z001-001N Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  65Z001-001N Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 65Z001-001N Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet - Draft
4.1-9.5 /
4.3-10
Protection Cap with cord
65Z001-001N
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
Degree of protection (mated pair)
IEC 60529, IP68
RoHS
compliant
Weight
Weight
11.7 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
J. Gramsamer
05/11/14
J. Gramsamer
12.11.14
100
14-v660
S. Huber-Siegl
12.11.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 65Z001-001N

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
65Z001-000N ROSENBERGER-65Z001-000N Datasheet
148Kb / 2P
   Protection Cap
More results

Similar Description - 65Z001-001N

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
64Z003-000N ROSENBERGER-64Z003-000N Datasheet
73Kb / 2P
   Protection Cap with cord
56Z112-000N ROSENBERGER-56Z112-000N Datasheet
41Kb / 2P
   PROTECTION CAP PLUG WITH CHAIN
65Z001-000N ROSENBERGER-65Z001-000N Datasheet
148Kb / 2P
   Protection Cap
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
53Z117-000N ROSENBERGER-53Z117-000N Datasheet
39Kb / 2P
   PROTECTION CAP
170-009-00000 ROSENBERGER-170-009-00000 Datasheet
564Kb / 2P
   PROTECTION CAP
logo
Winchester Electronics ...
SD758-8-5 WINCHESTER-SD758-8-5 Datasheet
42Kb / 1P
   BNC CAP & CORD ASSY
SD758-42-9 WINCHESTER-SD758-42-9 Datasheet
45Kb / 1P
   BNC CAP & CORD ASSY
logo
Vitesse Semiconductor C...
SD758-8-5 VITESSE-SD758-8-5 Datasheet
42Kb / 1P
   BNC CAP & CORD ASSY
SD758-42-9 VITESSE-SD758-42-9 Datasheet
45Kb / 1P
   BNC CAP & CORD ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com