Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65K401-500N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 65K401-500N1
Description  FLANGE JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

65K401-500N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  65K401-500N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 65K401-500N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet - draft
4.1-9.5
FLANGE JACK
65K401-500N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-11, DIN 47231
Documents
Panel piercing
B 376
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
O-Ring
NBR


Similar Part No. - 65K401-500N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
65K401-272N1 ROSENBERGER-65K401-272N1 Datasheet
118Kb / 2P
   Flange jack
More results

Similar Description - 65K401-500N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
65K401-272N1 ROSENBERGER-65K401-272N1 Datasheet
118Kb / 2P
   Flange jack
71K542-K00A5 ROSENBERGER-71K542-K00A5 Datasheet
84Kb / 2P
   ADAPTOR JACK ??JACK WITH INSULATED ROUND FLANGE
logo
Molex Electronics Ltd.
73254-0430 MOLEX11-73254-0430 Datasheet
34Kb / 1P
   50 Ohms, QMA Straight Flange Mount Jack
logo
Tyco Electronics
1052624-1 MACOM-1052624-1 Datasheet
53Kb / 1P
   OSM 4 HOLE FLANGE MOUNT JACK RECEPTABLE
logo
List of Unclassifed Man...
R125512000W ETC2-R125512000W Datasheet
28Kb / 2P
   SQUARE FLANGE JACK RECEPTACLE WITH SHOULDER CONTACT
logo
Molex Electronics Ltd.
73134-2311 MOLEX11-73134-2311 Datasheet
36Kb / 1P
   50 Ohms, 7/16 Jack with Flange
logo
Amphenol Corporation
132255-83233 AMPHENOL-132255-83233 Datasheet
70Kb / 2P
   SMA END LAUNCH RECETP. JACK, RIBBED FLANGE
logo
List of Unclassifed Man...
R125464001 ETC2-R125464001 Datasheet
35Kb / 2P
   2 HOLES FLANGE JACK RECEPTACLE WITH CYLINDRICAL CONTACT
logo
Amphenol SV Microwave
SF1621-60029-XS SVMICROWAVE-SF1621-60029-XS Datasheet
510Kb / 1P
   2.4mm JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
12/16
logo
Amphenol Corporation
SF2921-61345-XS AMPHENOL-SF2921-61345-XS Datasheet
83Kb / 1P
   SMA JACK 2 HOLE FLANGE WITH MOUNTING SCREWS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com