Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G332YEPR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G332YEPR
Description  SINGLE 3 INPUT POSITIVE OR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G332YEPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G332YEPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 9Page - Texas Instruments SN74LVC1G332YEPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74LVC1G332
SINGLE 3INPUT POSITIVEOR GATE
SCES489C − SEPTEMBER 2003 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V∆
VOH − V∆
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V∆
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
Figure 2. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC1G332YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332YZPR TI1-SN74LVC1G332YZPR Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
More results

Similar Description - SN74LVC1G332YEPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com