Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8840 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8840
Description  Advanced PMU for Single-core Application Processors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8840 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8840_15 Datasheet HTML 2Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 3Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 4Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 5Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 6Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 7Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 8Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 9Page - Active-Semi, Inc ACT8840_15 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ACT8840
Rev 2, 29-Jan-15
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePMU
TM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
26
SW4
Switch Node for REG4.
27
GP14
Power Ground for REG1 and REG4. Connect GP14, GP2, GP3, and GA together at a
single point as close to the IC as possible.
28
SW1
Switch Node for REG1.
29
OUT1
Output Voltage Sense for REG1.
30
VP1
Power Input for REG1. Bypass to GP14 with a high quality ceramic capacitor placed
as close to the IC as possible.
31
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor to enable the IC,
drive nPBIN directly to GA to assert a Manual-Reset condition.
32
PWRHLD
Power hold Input.
33
nRSTO
Open-Drain Reset Output.
34
nIRQ
Open-Drain Interrupt Output.
35
GPIO6
General Purpose I/O #6. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drive section for
more information.
36
GPIO5
General Purpose I/O #5. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Driver section for
more information.
37
OUT13
REG13 output. Bypass it to ground with a 2.2µF capacitor.
38
OUT7
REG7 output. Bypass it to ground with a 2.2µF capacitor.
39
GPIO4
General Purpose I/O #4. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Driver section for
more information.
40
OUT6
REG6 output. Bypass it to ground with a 2.2µF capacitor.
41
INL1
Power Input for REG5, REG6, REG7.
42
OUT5
REG5 output. Bypass it to ground with a 2.2µF capacitor.
43
GPIO3
General Purpose I/O #3. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drier section for
more information.
44
GPIO2
General Purpose I/O #2. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drier section for
more information.
45
GPIO1
General Purpose I/O #1. Configured as PWM LED driver output for up to 6mA current
with programmable frequency and duty cycle. See the PWM LED Drier section for
more information.
46
OUT3
Output Voltage Sense for REG3.
47,48
VP3
Power input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as
close to the IC as possible.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.


Similar Part No. - ACT8840_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8840 ACTIVE-SEMI-ACT8840_14 Datasheet
681Kb / 39P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
More results

Similar Description - ACT8840_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8840 ACTIVE-SEMI-ACT8840_14 Datasheet
681Kb / 39P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8840QM17A-T ACTIVE-SEMI-ACT8840QM17A-T Datasheet
682Kb / 38P
   Advanced PMU for Single-core Application Processors
Rev 1, 07-Feb-14
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com