Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945A Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945A Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT8945A_16 Datasheet HTML 1Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 2Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 3Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 4Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 5Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 6Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 7Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 8Page - Active-Semi, Inc ACT8945A_16 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
FEATURES
 Three Step-Down DC/DC Converters
 Four Low-Dropout Linear Regulators
 Integrated ActivePathTM Charger
 I2CTM Serial Interface
 Advanced Enable/Disable Sequencing Controller
 Minimal External Components
 Tiny 5×5mm TQFN55-40 Package
0.75mm Package Height
Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8945A is a complete, cost effective, highly-
efficient ActivePMUTM power management solution,
optimized
for
the
unique
power,
voltage-
sequencing, and control requirements of the Atmel
SAMA5D2 ,SAMA5D3 series: SAMA5D[31/33/34/35/36],
and Atmel SAM9 series: SAM9G[15/25/35/45/46],
SAM9X[25/35],
SAM9M[10/11],
SAM9N[11/12]
processors. It is ideal for a wide range of high
performance portable handheld applications such as
human-machine interfaces, control panels, smart grid
infrastructures, network gateways, M2M systems, 2D
barcode scanners, barcode printers, machine vision
equipment, as well as home and commercial building
automations, POS terminals, medical devices and white
goods. This device integrates the ActivePathTM
complete battery charging and management system
with seven power supply channels.
This device features three step-down DC/DC
converters and four low-noise, low-dropout linear
regulators, along with a complete battery charging
solution featuring the advanced ActivePathTM
system-power selection function.
The three DC/DC converters utilize a high-
efficiency, fixed-frequency (2MHz), current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1100mA of output
current, while the third supports up to 1200mA. All
four low-dropout linear regulators are high-
performance, low-noise regulators that supply up to
320mA of output current.
The ACT8945A is available in a compact, Pb-Free
and RoHS-compliant TQFN55-40 package.
TYPICAL APPLICATION DIAGRAM
Rev 6, 01-Feb-16
ACT8945A
ActivePathTM Charger
Control
nPBIN
REG1
REG2
REG3
REG4
REG5
REG6
REG7
SDA
nRSTO
nIRQ
nPBSTAT
1.2V
3.3V
VDDIODDR etc.
VDDIOP etc.
VDDFUSE
VDDANA
Auxiliary 1
Auxiliary 1
TWD
TWCK
GPIO
FIQ/IRQ
NRST
1.8V
1150mA
1150mA
1300mA
320mA
320mA
320mA
320mA
nSTAT
ISET
PUSH BUTTON
CHGIN
CHARGE
STATUS
SCL
Atmel
SAMA5Dx
Li+ Battery
+
TH
VDDCORE_GBIT ENET etc.
- 1 -
www.active-semi.com
ActivePMUTM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2016 Active-Semi, Inc.


Similar Part No. - ACT8945A_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945AQJ305-T ACTIVE-SEMI-ACT8945AQJ305-T Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8945AQJ305-T ACTIVE-SEMI-ACT8945AQJ305-T Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8945AQJ405-T ACTIVE-SEMI-ACT8945AQJ405-T Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
More results

Similar Description - ACT8945A_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com