Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2550IP40 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST16C2550IP40
Description  DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IP40 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C2550IP40 Datasheet HTML 1Page - Exar Corporation ST16C2550IP40 Datasheet HTML 2Page - Exar Corporation ST16C2550IP40 Datasheet HTML 3Page - Exar Corporation ST16C2550IP40 Datasheet HTML 4Page - Exar Corporation ST16C2550IP40 Datasheet HTML 5Page - Exar Corporation ST16C2550IP40 Datasheet HTML 6Page - Exar Corporation ST16C2550IP40 Datasheet HTML 7Page - Exar Corporation ST16C2550IP40 Datasheet HTML 8Page - Exar Corporation ST16C2550IP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538 • (510) 668-7000 • FAX (510) 668-7017
ST16C2550
Rev. 3.20
PLCC Package
DUAL UART WITH 16-BYTE TRANSMIT
AND RECEIVE FIFO’S
DESCRIPTION
The ST16C2550 (2550) is a dual universal asynchronous receiver and transmitter (UART). The ST16C2550 is
an improved version of the NS16C550 UART with higher operating speed and lower access time. The 2550
provides enhanced UART functions with 16 byte FIFO’s, a modem control interface, and data rates up to 1.5Mbps.
Onboard status registers provide the user with error indications and operational status. System interrupts and
modem control features may be tailored by external software to meet specific user requirements. An internal loop-
back capability allows onboard diagnostics. Independent programmable baud rate generators are provided to
select transmit and receive clock rates from 50 Bps to 1.5 Mbps. The Baud rate generator can be configured for
either crystal or external clock input. The 2550 is available in a 40-pin plastic-DIP, 44-pin PLCC, and 48-pin TQFP
packages. The 40 pin package does not offer TXRDY and RXRDY pins (DMA Signal monitoring). Otherwise the
three package versions are the same. The 2550 is functionally compatible with the 16C2450. The 2550 is
fabricated in an advanced CMOS process to achieve low drain power and high speed requirements.
FEATURES
• Pin and functionally compatible to ST16C2450/
Software compatible with INS8250, NS16C550
• 1.5Mbps transmit/receive operation (24MHz
Max.)
• 16 byte transmit FIFO to reduce the bandwidth
requirement of the external CPU.
• 16 byte receive FIFO with error flags to reduce the
bandwidth requirement of the external CPU.
• Independent transmit and receive UART control
• Four selectable Receive FIFO interrupt trigger
levels
• Modem control signals (-CTS, -RTS, -DSR, -DTR,
-RI, -CD, and Software controllable line break)
• Programmable character lengths (5, 6, 7, 8) with
Even, odd, or no parity
• Status report register
• Crystal or external clock input
• 460.8 Kbps transmit/receive operation with 7.3728
MHz crystal or external clock source
• TTL compatible inputs, outputs
ORDERING INFORMATION
Part number
Pins Package
Operatingtemperature
ST16C2550CP40 40 PDIP
0° C to + 70° C
ST16C2550CJ44 44 PLCC
0° C to + 70° C
ST16C2550CQ48 48 TQFP
0° C to + 70° C
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
D5
D6
D7
RXB
RXA
-TXRDYB
TXA
TXB
-OPB
-CSA
-CSB
RESET
-DTRB
-DTRA
-RTSA
-OPA
-RXRDYA
INTA
INTB
A0
A1
A2
ST16C2550CJ44
Part number
Pins Package
Operatingtemperature
ST16C2550IP40
40 PDIP
-40° C to + 85° C
ST16C2550IJ44
44 PLCC
-40° C to + 85° C
ST16C2550IQ48 48 TQFP
-40° C to + 85° C


Similar Part No. - ST16C2550IP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550IP40 EXAR-ST16C2550IP40 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2550IP40 EXAR-ST16C2550IP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

Similar Description - ST16C2550IP40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
   Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com