Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2024 Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # TA2024
Description  Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024 Datasheet(HTML) 9 Page - Tripath Technology Inc.

Back Button TA2024 Datasheet HTML 5Page - Tripath Technology Inc. TA2024 Datasheet HTML 6Page - Tripath Technology Inc. TA2024 Datasheet HTML 7Page - Tripath Technology Inc. TA2024 Datasheet HTML 8Page - Tripath Technology Inc. TA2024 Datasheet HTML 9Page - Tripath Technology Inc. TA2024 Datasheet HTML 10Page - Tripath Technology Inc. TA2024 Datasheet HTML 11Page - Tripath Technology Inc. TA2024 Datasheet HTML 12Page - Tripath Technology Inc. TA2024 Datasheet HTML 13Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TECHNICA L INFORMA T ION
TA2024 Preliminary, Rev. 1.0
Page 9
Over-current Protection
An over-current fault occurs if more than approximately 7 amps of current flows from any of the
amplifier output pins. This can occur if the speaker wires are shorted together or if one side of the
speaker is shorted to ground. An over-current fault sets an internal latch that can only be cleared if
the MUTE pin is toggled or if the part is powered down. Alternately, if the MUTE pin is connected to
the FAULT pin, the HIGH output of the FAULT pin will toggle the MUTE pin and automatically reset
the fault condition.
Overload
The OVERLOADB pin is a 5V logic output. When low, it indicates that the level of the input signal
has overloaded the amplifier resulting in increased distortion at the output. The OVERLOADB signal
can be used to control a distortion indicator light or LED through a simple buffer circuit, as the
OVERLOADB cannot drive an LED directly.
Sleep Pin
The SLEEP pin is a 5V logic input that when pulled high (>3.5V) puts the part into a low quiescent
current mode. This pin is internally clamped by a zener diode to approximately 6V thus allowing the
pin to be pulled up through a large valued resistor (1meg
Ω recommended) to VDD. To disable SLEEP
mode, the sleep pin should be grounded.
Fault Pin
The FAULT pin is a 5V logic output that indicates various fault conditions within the device. These
conditions include: low supply voltage, low charge pump voltage, low 5V regulator voltage, over
current at any output, and junction temperature greater than approximately 155
°C. All faults except
overcurrent all reset upon removal of the condition. The FAULT output is capable of directly driving
an LED through a series 200
Ω resistor. If the FAULT pin is connected directly to the MUTE input an
automatic reset will occur in the event of an over-current condition.


Similar Part No. - TA2024

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Similar Description - TA2024

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com