Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC62WV1024SC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STC62WV1024SC
Description  VERY LOW POWER VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STC62WV1024SC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STC62WV1024SC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 9Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STC62WV1024
Revision 2.1
Jan.
2004
6
STC
STC62WV1024
WRITE CYCLE1 (1)
t WR1
t WC
(3)
t CW
(11)
(11)
t CW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t WR2
(3)
t DH
t DW
D
IN
D
OUT
WE
CE2
CE1
OE
ADDRESS
(5)
(5)
AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
WRITE CYCLE
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
UNIT
tAVAX
t
WC
Write Cycle Time
55
--
--
70
--
--
ns
tE1LWH
t
CW
Chip Select to End of Write
55
--
--
70
--
--
ns
tAVWL
t
AS
Address Set up Time
0
--
--
0
--
--
ns
tAVWH
t
AW
Address Valid to End of Write
55
--
--
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
t
WR1
Write Recovery Time
(CE1 , WE)
0
--
--
0
--
--
ns
t
E2LAX
t
WR2
Write Recovery Time
(CE2)
0
--
--
0
--
--
ns
t
WLOZ
t WHZ
Write to Output in High Z
--
--
25
--
--
30
ns
t
DVWH
t DW
Data to Write Time Overlap
25
--
--
30
--
--
ns
t
WHDX
t DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHOZ
t OHZ
Output Disable to Output in High Z
--
--
25
--
--
30
ns
tWHQX
t OW
End of Write to Output Active
5
--
--
5
--
--
ns
CYCLE TIME : 55ns
MIN. TYP. MAX.
MIN. TYP. MAX.
(Vcc = 3.0~5.5V)
(Vcc = 2.7~5.5V)
SWITCHING WAVEFORMS (WRITE CYCLE)
CYCLE TIME : 70ns


Similar Part No. - STC62WV1024SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AC ETC1-STC62WV12816AC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AI ETC1-STC62WV12816AI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DC ETC1-STC62WV12816DC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DI ETC1-STC62WV12816DI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
More results

Similar Description - STC62WV1024SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com