Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC62WV1024SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STC62WV1024SC
Description  VERY LOW POWER VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STC62WV1024SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STC62WV1024SC Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1024SC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STC62WV1024
Revision 2.1
Jan.
2004
1
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
PKG TYPE
STC62WV1024SC
SOP-32
STC62WV1024TC
TSOP-32
STC62WV1024STC
STSOP-32
STC62WV1024PC
PDIP-32
STC62WV1024JC
SOJ-32
STC62WV1024DC
+0
O C to +70 O C
2.4V ~ 5.5V
55/70
8.0uA
14mA
DICE
STC62WV1024SI
SOP-32
STC62WV1024TI
TSOP-32
STC62WV1024STI
STSOP-32
STC62WV1024PI
PDIP-32
STC62WV1024JI
SOJ-32
STC62WV1024DI
-40
O C to +85 O C2.4V ~ 5.5V
55/70
20uA
15mA
DICE
Very Low Power/Voltage CMOS SRAM
128K X 8 bit
• Wide Vcc operation voltage : 2.4V ~ 5.5V
• Very low power consumption :
Vcc = 3.0V
C-grade : 17mA (@55ns) operating current
I- grade : 18mA (@55ns) operating current
C-grade : 14mA (@70ns) operating current
I- grade : 15mA (@70ns) operating current
0.1uA (Typ.) CMOS standby current
Vcc = 5.0V
C-grade : 46mA (55ns) operating current
I- grade : 47mA (55ns) operating current
C-grade : 38mA (70ns) operating current
I- grade : 39mA (70ns) operating current
0.6uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
The
STC62WV1024 is a high performance, very low power CMOS
Static Random Access Memory organized as 131,072 words by 8 bits
and operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.1uA at 3V/25oC and maximum access time of 55ns at 3V/85oC.
Easy memory expansion is provided by an active LOW chip
enable (CE1), an active HIGH chip enable (CE2), and active LOW
output enable (OE) and three-state output drivers.
The
STC62WV1024 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The
STC62WV1024 is available in DICE form , JEDEC standard 32 pin
450mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP,8mm x13.4
mm STSOP and 8mmx20mm TSOP.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
STC International Limited. reserves the right to modify document contents without notice.
STC62WV1024
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
62WV1024SC
62WV1024SI
62WV1024PC
62WV1024PI
62WV1024JC
62WV1024JI
A7
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 1024
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A14
A9
A11
A8
A13
A12
A6
8
8
8
8
14
128
1024
1024
20
A16
A15
A4
A5
CE2
STC
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
62WV1024TC
62WV1024TC
62WV1024TI
62WV1024STI
• Easy expansion with CE2, CE1, and OE options
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
Vcc=5.0V Vcc=3.0V
70ns
1.3uA
2.5uA
38mA
39mA
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
55ns : 3.0~5.5V
70ns : 2.7~5.5V
Operating
70ns
Vcc=3V
Vcc=5V


Similar Part No. - STC62WV1024SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AC ETC1-STC62WV12816AC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AI ETC1-STC62WV12816AI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DC ETC1-STC62WV12816DC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DI ETC1-STC62WV12816DI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
More results

Similar Description - STC62WV1024SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com