Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMC1161 Datasheet(PDF) 10 Page - Analog Devices

Part No. HMC1161
Description  Dual output frequency range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1161 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC1161 Datasheet HTML 4Page - Analog Devices HMC1161 Datasheet HTML 5Page - Analog Devices HMC1161 Datasheet HTML 6Page - Analog Devices HMC1161 Datasheet HTML 7Page - Analog Devices HMC1161 Datasheet HTML 8Page - Analog Devices HMC1161 Datasheet HTML 9Page - Analog Devices HMC1161 Datasheet HTML 10Page - Analog Devices HMC1161 Datasheet HTML 11Page - Analog Devices HMC1161 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
HMC1161
Rev. B | Page 9 of 11
APPLICATIONS INFORMATION
The HMC1161 serves as the local oscillator (LO) in microwave
synthesizer applications. The primary applications are point-to-
point microwave radios, military, radars, test and measurement,
as well as industrial and medical equipment. The low phase
noise allows higher orders of modulation and offers improved bit
error rates in communication systems, whereas the linear,
monotonic tuning sensitivity allows a stable loop filter design. The
higher output power minimizes the gain required to drive
subsequent stages. The half frequency output reduces the input
frequency to the prescaler without the addition of residual
phase noise to the input of the phase-locked loop synthesizer.
SYNTH
REF
HOST
SCK
SDI
SEN
XREFP
VCO INPUT
VTUNE
RFOUT
RFOUT/2
LOOP
FILTER
CP
Figure 16. Typical Application Diagram


Similar Part No. - HMC1161

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5E AD-HMC1163LP5E Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5ETR AD-HMC1163LP5ETR Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1161

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com