Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMC1161 Datasheet(PDF) 11 Page - Analog Devices

Part No. HMC1161
Description  Dual output frequency range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1161 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC1161 Datasheet HTML 4Page - Analog Devices HMC1161 Datasheet HTML 5Page - Analog Devices HMC1161 Datasheet HTML 6Page - Analog Devices HMC1161 Datasheet HTML 7Page - Analog Devices HMC1161 Datasheet HTML 8Page - Analog Devices HMC1161 Datasheet HTML 9Page - Analog Devices HMC1161 Datasheet HTML 10Page - Analog Devices HMC1161 Datasheet HTML 11Page - Analog Devices HMC1161 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HMC1161
Data Sheet
Rev. B | Page 10 of 11
EVALUATION PRINTED CIRCUIT BOARD (PCB)
Figure 17. Evaluation PCB
The circuit board used in an application uses RF circuit design
techniques. Ensure that the signal lines have 50 Ω impedance
and that the package ground leads and backside ground paddle
are connected directly to the ground plane.
Use a sufficient number of via holes to connect the top and
bottom ground planes. The evaluation circuit board shown in
Figure 17 is available from Analog Devices, Inc., upon request.
BILL OF MATERIALS
Table 4. Bill of Materials for the EV1HMC1161LP5
Item
Description
J1 to J4
PCB mount SMA RF connectors
J5, J6
2 mm dc headers
C1 to C3
100 pF capacitors, 0402 package
C4
1000 pF capacitor, 0402 package
C5 to C7
2.2 μF tantalum capacitors
C8
0.01 μF capacitor, 0603 package
U1
HMC1161 VCO
PCB1
110225 evaluation board2
1
Circuit board material is Rogers 4350.
2
Reference this number when ordering the complete evaluation PCB.


Similar Part No. - HMC1161

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5E AD-HMC1163LP5E Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5ETR AD-HMC1163LP5ETR Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1161

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz