Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11W150-550 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 11W150-550
Description  BULKHEAD JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

11W150-550 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  11W150-550 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 11W150-550 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
1.6/5.6
III. Generation
BULKHEAD JACK
88K505-1V2L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
CECC 22 240
Documents
Assembly instruction
88 O2
Panel piercing
B 27
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper AuroDur, gold plated
Outer contact
Brass
AuroDur, gold plated
Body
Brass
AuroDur, gold plated
Dielectric
PTFE
Dielectric
LCP
Crimping ferrule
Copper
Nickel, 2.5-5 µm


Similar Part No. - 11W150-550

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
11W150-550 ROSENBERGER-11W150-550 Datasheet
40Kb / 2P
   STRAIGHT PLUG
11W150-550 ROSENBERGER-11W150-550 Datasheet
61Kb / 1P
   CRIMP INSERT
More results

Similar Description - 11W150-550

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KD-19-61 WINCHESTER-KD-19-61 Datasheet
45Kb / 1P
   BULKHEAD JACK
KD-19-73 WINCHESTER-KD-19-73 Datasheet
50Kb / 1P
   BULKHEAD JACK
logo
Rosenberger Hochfrequen...
51K611-272N5 ROSENBERGER-51K611-272N5 Datasheet
40Kb / 2P
   BULKHEAD JACK
51K611-271N5 ROSENBERGER-51K611-271N5 Datasheet
106Kb / 2P
   BULKHEAD JACK
51K507-801N5 ROSENBERGER-51K507-801N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
51K607-802N5 ROSENBERGER-51K607-802N5 Datasheet
43Kb / 2P
   BULKHEAD JACK
51K607-803N5 ROSENBERGER-51K607-803N5 Datasheet
43Kb / 2P
   BULKHEAD JACK
71K611-109N5 ROSENBERGER-71K611-109N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
51K507-803N5 ROSENBERGER-51K507-803N5 Datasheet
42Kb / 2P
   BULKHEAD JACK
logo
Winchester Electronics ...
SDKA-19-31 WINCHESTER-SDKA-19-31 Datasheet
129Kb / 1P
   BULKHEAD JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com