Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJA106K016R Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TAJA106K016R
Description  9.9-11.2Gb/s Optical Modulator Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAJA106K016R Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TAJA106K016R Datasheet HTML 4Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 5Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 6Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 7Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 8Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 9Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 10Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 11Page - TriQuint Semiconductor TAJA106K016R Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Datasheet
8
TGA4953EPU
DESIGNATOR
DESCRIPTION
MANUFACTURER
PART NUMBER
C1, C2
DC Block, Broadband
Presidio
BB0502X7R104M16VNT9820
C3, C4, C5
10uF Capacitor MLC Ceramic
AVX
0802YC106KAT
C6, C7
0.01 uFCapacitor MLC Ceramic
AVX
0603YC103KAT
C8
10 uF Capacitor Tantalum
AVX
TAJA106K016R
L1
220 uH Inductor
Belfuse
S581-4000-14
L2
330 nH Inductor
Panasonic
ELJ-FAR33MF2
R1, R2
274
Ω Resistor
Panasonic
ERJ-2RKF2740X
Recommended Components:
Demonstration Board Application Circuit
(Continued)
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.


Similar Part No. - TAJA106K016R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAJA106K016R TI-TAJA106K016R Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
AVX Corporation
TAJA106K016RNJ AVX-TAJA106K016RNJ Datasheet
143Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJA106K016R

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com