Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI-15B-702-A-H Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NPI-15B-702-A-H
Description  Solid state, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPI-15B-702-A-H Datasheet(HTML) 3 Page - Amphenol Corporation

  NPI-15B-702-A-H Datasheet HTML 1Page - Amphenol Corporation NPI-15B-702-A-H Datasheet HTML 2Page - Amphenol Corporation NPI-15B-702-A-H Datasheet HTML 3Page - Amphenol Corporation NPI-15B-702-A-H Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPI-15SeriesSpecifications
Warranty
NovaSensor warrants its products against defects in material
and workmanship for 12 months from the date of shipment .
Products not subjected to misuse will be repaired or replaced.
NovaSensor reserves the right to make changes without further
notice to any products herein. NovaSensor makes no warranty,
representation or guarantee regarding the suitability of its
products for any particular application, nor does NovaSensor
assume any liability arising out of the application or use of any
productorcircuitandspecificallydisclaimsandallliability
without limitation consequential or incidental damages. The
foregoing warranties are exclusive and in lieu of all other
warranties, whether written, oral, implied or statutory. No Implied
statutorywarrantyofmerchantabilityorfitnessforparticular
purpose shall apply.
Parameter
Value
Units
Notes
General
Pressure Range
3500
kPa
507 psi
7000
kPa
1015 psi
35,000
kPa
5076 psi
Maximum Pressure
2 x
rated pressure
Electrical @ 77°F (25°C) unless otherwise stated
Input Excitation
1.0
mA
1.5 mA maximum
Insulation Resistance 100M
@ 50 VDC
Input Impedance (min) 4,000
± 20%
Output Impedance
5,000
± 20%
Bridge Impedance
5,000
± 20%
Environmental
Temperature Range
Operating(9)
–40 to 257°F (–40°C to 125°C)
Compensated Range 32 to 158°F
(0°C to 70°C)
Vibration
10
gRMS 20 to 2000Hz
Shock
100
g
11 milliseconds
Life (Dynamic
10 x 106
cycles 500/1000 psi
Pressure Cycle)
34.47/68.94 (bar)
1 x 106
cycles 5000 psi
(344.73 (bar)
Mechanical (1)
Weight
≈28
g
(28 g) NPI–15A–XXX
≈47
g
(47 g) NPI–15B–XXX
Media Compatibility
All corrosive media compatible with
316 stainless steel
Case and
Diaphragm Material
316L stainless steel
Recommended O-Ring Type A: 0.472 in (12 mm) ID x 0.059 in
(1.5 mm) wall
Type B: 2-013 per ISO 3601/1
Parameter
Units
Min.
Typical Max. Notes
Performance Parameters 3,500, 7,000, & 35,000 kPa (Note 1, 8)
Offset
mV
-2
1
2
Full Scale Output
mV
170
200
230
2
Linearity
%FSO
–0.25
0.1
0.25
3
Hysteresis and
Repeatability
%FSO
–.05
0.1
0.05
3
Thermal Accuracy
of Offset
%FSO
–0.75
0.2
0.75
4
Thermal Accuracy
of FSO
%FSO
–0.75
–0.2
0.75
4
Thermal Hysteresis %FSO
–0.2
0.1
0.2
5
Short-Term Stability
of Offset
µV/V
5
6
Short-Term Stability
of FSO
µV/V
5
6
Long-Term Stability
of Offset
%FSO
0.1
7
Long-Term Stability
of FSO
%FSO
0.1
7
1. Performance with offset , thermal accuracy of offset and thermal accuracy
of FSO compensation resistors.
2. FSO with 1.0 mA input excitation.
3. Linearitybybestfitstraightline.
4. 32°F to 158°F (0°C to 70°C) with reference to 77°F (25°C).
5. 32°F to 158°F (0°C to 70°C,) by design.
6. Normalized offset/ bridge voltage—100 hours, typical value, not tested in
production.
7. One year, typical value, not tested in production.
8. All values measured at 77°F (25°C) and at 1.0 mA constant current , unless
otherwise noted.
9. Reduced performance outside compensation range.
Ordering Information
NPI-15
Code Pressure Port Type
A
No port
B
1/2-20 UNF
H
1/4-18 NPT
J
1/8-27 NPT
Code
Pressure Ranges
(kilo Pascals (kPa); 3rd digit is
number of zeros)
352
3500 kPa
702
7000 kPa
353
35,000 kPa (NPI-15A Only)
Code
Compensation
A
Absolute
S
Sealed gauge
Code
Voltage
H
Constant Current
Excitation
NPI-15
-
-
-
-
Typical model number


Similar Part No. - NPI-15B-702-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-15B-1K-A-V AMPHENOL-NPI-15B-1K-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15B-1K-S-V AMPHENOL-NPI-15B-1K-S-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15B-3K-A-V AMPHENOL-NPI-15B-3K-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15B-3K-S-V AMPHENOL-NPI-15B-3K-S-V Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15B-500-A-V AMPHENOL-NPI-15B-500-A-V Datasheet
120Kb / 4P
   Solid state, high reliability
More results

Similar Description - NPI-15B-702-A-H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPC-410 AMPHENOL-NPC-410 Datasheet
80Kb / 4P
   Solid state reliability
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
   High reliability, solid state silicon pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com