Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2574-15 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # X2574-15
Description  RF Mesh Networking technology provides reliable real time process data. Uses global 2.4 GHz RF frequencies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

X2574-15 Datasheet(HTML) 6 Page - Amphenol Corporation

  X2574-15 Datasheet HTML 1Page - Amphenol Corporation X2574-15 Datasheet HTML 2Page - Amphenol Corporation X2574-15 Datasheet HTML 3Page - Amphenol Corporation X2574-15 Datasheet HTML 4Page - Amphenol Corporation X2574-15 Datasheet HTML 5Page - Amphenol Corporation X2574-15 Datasheet HTML 6Page - Amphenol Corporation X2574-15 Datasheet HTML 7Page - Amphenol Corporation X2574-15 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Specifications
Environmental
Body:-40°Cto60°C,0to95%RHnoncondensing
•Externalprobe:-196°Cto200°C
• LoggerDimensions:190mmx127mmx45mm
(7.5 in x 5 in x 1.75)
• BaseStationDimensions:64mmx32mmx15mm
(2.5 in x 1.25 in x 5 in)
Temperature
Single Channel External Sensor
• ±0.1°C,range0°Cto+60°C
• ±0.2°C,range-22°Cto0°C
• ±0.5°C,range-80°Cto–22°C
• ±2.0°C,@-196°C
For 2 and 5 Channel Temperature Loggers:
±0.1Crange–80°Cto130°C
RH
• 2%from10to90%RH
• 5%from0to10%,90to100%RH
• 3%at40°C,75%RH
• CertificatestatesICHPoints
Auxiliary Inputs
• Contact:dry
• Voltageandcurrent0.5%FS
Battery Life (Varies ±10%)
1 min sample rate: 8000 hours
System Documentation
IQ/OQ Protocol
TheInstallationQualification/OperationalQualification
Protocol defines a set of procedures to ensure that
the Kaye Validator system is properly installed and
operated correctly, and is adequately documented
and controlled according to cGMP requirements. The
documents are provided in hard copy and on CD,
allowing users to modify the documentation to suit
specific organizational requirements.
Updates and addenda are available through the Kaye
website.
Services
We provide a complete aray of services for the RF
ValProbe® product range:
• Onsiteinstallation,commissioningandIQ/OQfor
RF ValProbe® system.
• Operatortrainingandtechnicalsupport.
• Maintenanceagreements.
• Factorycalibration.
• Rentalservices.
Validation Reference
The Kaye Validator system is supported with Design
Qualification documentation. The Validation Reference
Binder provides a comprehensive overview of our
QualityPolicy,descriptionofISO9001implementation
and support procedures, and standards for the
development, testing, and maintenance of hardware
and software. Quality Control documents, Development
procedures, Quality Assurance procedures, Release
documents, and Quality Assurance test documentation
are all included.


Similar Part No. - X2574-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020D ICMIC-X25020D Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DG ICMIC-X25020DG Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020DP ICMIC-X25020DP Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X2574-15

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6000B SILABS-SLWSTK6000B Datasheet
2Mb / 34P
   EFR32MG12 2.4 GHz Mesh Networking Starter Kit
Rev. 1.02
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
   2.4 GHz ISM RF Application
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com