Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-1220-005-A-3-S Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPC-1220-005-A-3-S
Description  50 mV full scale output (FSO)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-1220-005-A-3-S Datasheet(HTML) 1 Page - Amphenol Corporation

  NPC-1220-005-A-3-S Datasheet HTML 1Page - Amphenol Corporation NPC-1220-005-A-3-S Datasheet HTML 2Page - Amphenol Corporation NPC-1220-005-A-3-S Datasheet HTML 3Page - Amphenol Corporation NPC-1220-005-A-3-S Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Medium Pressure
Sensors
NPC-1220 Series
Features
• 50 mV full scale output (FSO)
• ±0.1% accuracy
• Interchangeable
• Temperature compensated 32°F to 140°F
(0°C to 60°C)
• PCB mountable package
• DIP package
• Solid state reliability
• Individual device traceability
Applications
• Industrial automation
• Air flow monitors
• Process control
• Medical equipment
• Underground cable leak detection
Amphenol
Advanced Sensors


Similar Part No. - NPC-1220-005-A-3-S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPC-120-T AMPHENOL-NPC-120-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
   Unless specified on the drawing, tolerances are per the follows
NPC-1201 ETC2-NPC-1201 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1202 ETC2-NPC-1202 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
More results

Similar Description - NPC-1220-005-A-3-S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
   0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
   0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
logo
Guangdong Youtai Semico...
TMP36 UMW-TMP36 Datasheet
5Mb / 10P
   Scale factor: 10 mV/°C
logo
Motorola, Inc
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
   0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
   0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
   0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
   0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com