Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPC-410-030-G-3-S Datasheet(PDF) 1 Page - Amphenol Corporation

Part # NPC-410-030-G-3-S
Description  Solid state reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NPC-410-030-G-3-S Datasheet(HTML) 1 Page - Amphenol Corporation

  NPC-410-030-G-3-S Datasheet HTML 1Page - Amphenol Corporation NPC-410-030-G-3-S Datasheet HTML 2Page - Amphenol Corporation NPC-410-030-G-3-S Datasheet HTML 3Page - Amphenol Corporation NPC-410-030-G-3-S Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Medium Pressure
Sensors
NPC-410 Series
Features
• Solid state reliability
• ±0.1% accuracy
• PCB mountable package
• DIP package
• Individual device traceability
Applications
• Industrial automation
• Airflowmonitors
• Process control
• Medical equipment
• Underground cable leak detection
Amphenol
Advanced Sensors
Description
The NPC-410 Series of solid state pressure sensors
are designed to provide a cost effective solution for
applications that require long-term stability and high
volume.Packagedinadual-in-lineconfiguration,
the NPC-410 Series is intended for printed circuit
board mounting. Optional pressure port and lead
configurationsgivesuperiorflexibilityinlowprofile
applicationswherepressureconnectionorientation
is critical.
The NPC-410 Series is based on NovaSensor’s ad-
vanced SenStable® piezoresistive sensing technol-
ogy. The latest techniques in silicon micromachining
have been used to ion implant piezoresistive strain
gagesintoaWheatstonebridgeconfiguration,which
is integrally formed on a micromachined diaphragm.
Constant current or constant voltage can be used
forsensorexcitation.Offsetandsensitivitytempera-
ture compensation and calibration can be achieved
byaddingexternalresistors.Additionally,theNPC-
410 series is available in pressure ranges from 0 psi
to 5 psi (0 bar to 0.34 bar) through 0 psi to 100 psi
(0 bar to 7 bar). Please contact the NovaSensor for
other pressure ranges.


Similar Part No. - NPC-410-030-G-3-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
   NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
   Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
NPC-1102 ETC2-NPC-1102 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
More results

Similar Description - NPC-410-030-G-3-S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF_15 Datasheet
229Kb / 6P
   Solid-State Reliability
logo
Amphenol Corporation
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
P1602 AMPHENOL-P1602 Datasheet
57Kb / 2P
   Solid state, high reliability
NPI-15VC AMPHENOL-NPI-15VC Datasheet
120Kb / 4P
   Solid state, high reliability
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
   Solid state, high reliability
logo
SunLED Corporation
XLCBD111W SUNLED-XLCBD111W Datasheet
180Kb / 3P
   LONG LIFE - SOLID STATE RELIABILITY
logo
Honeywell Accelerometer...
LLN8651721 HONEYWELL-ACC-LLN8651721 Datasheet
116Kb / 6P
   Solid state reliability - no moving parts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com