Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1977 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button F1977 Datasheet HTML 5Page - Integrated Device Technology F1977 Datasheet HTML 6Page - Integrated Device Technology F1977 Datasheet HTML 7Page - Integrated Device Technology F1977 Datasheet HTML 8Page - Integrated Device Technology F1977 Datasheet HTML 9Page - Integrated Device Technology F1977 Datasheet HTML 10Page - Integrated Device Technology F1977 Datasheet HTML 11Page - Integrated Device Technology F1977 Datasheet HTML 12Page - Integrated Device Technology F1977 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Rev 1, 04/21/2016
Latched Parallel Mode:
Latched Parallel Mode is selected when V
Latched Parallel Mode:
Set VMODE is logic low.
Set LE to logic low.
Adjust pins [26, 27, 28, 29, 30, 31, 32] to the desired attenuation setting.
low, the attenuation state will not change.
Pull LE to a logic high. The device will then transition to the attenuation settings reflected by pins
D6 - D0.
Latched Parallel Default Startup Condition:
Latched Parallel Mode implies a default state for when the device is first powered up with V
low and LE logic low. In this case the default setting is MAXIMUM Attenuation.
Table 4 - Truth Table for the Parallel Control Word
D6
D5
D4
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
1
0
0
1
1
1
Figure 5 -
9
7-Bit, 75
Latched Parallel Mode is selected when VMODE is logic low and LE is toggled from logic low to h
Adjust pins [26, 27, 28, 29, 30, 31, 32] to the desired attenuation setting. (W
low, the attenuation state will not change.)
The device will then transition to the attenuation settings reflected by pins
Latched Parallel Default Startup Condition:
Latched Parallel Mode implies a default state for when the device is first powered up with V
. In this case the default setting is MAXIMUM Attenuation.
Truth Table for the Parallel Control Word
D3
D2
D1
D0
Attenuation
(dB)
0
0
0
0
0
0
0
1
0
0
1
0
0
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
31.75
- Latched Parallel Mode Timing Diagram
F1977
75 Ω
Ω, Digital Step Attenuator
logic low to high. To utilize
While LE is set to a logic
The device will then transition to the attenuation settings reflected by pins
Latched Parallel Mode implies a default state for when the device is first powered up with VMODE set for logic
Attenuation
(dB)
0
0.25
0.5
1
2
4
8
16
31.75


Similar Part No. - F1977

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
F1977NBGI8 RENESAS-F1977NBGI8 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
More results

Similar Description - F1977

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
   Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
   Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
   Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
   Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
   Digital Step Attenuator
ZX76-31-PP MINI-ZX76-31-PP Datasheet
703Kb / 10P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com